Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 68Page - Renesas Technology Corp R8C/18 Datasheet HTML 69Page - Renesas Technology Corp R8C/18 Datasheet HTML 70Page - Renesas Technology Corp R8C/18 Datasheet HTML 71Page - Renesas Technology Corp R8C/18 Datasheet HTML 72Page - Renesas Technology Corp R8C/18 Datasheet HTML 73Page - Renesas Technology Corp R8C/18 Datasheet HTML 74Page - Renesas Technology Corp R8C/18 Datasheet HTML 75Page - Renesas Technology Corp R8C/18 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 57 of 233
REJ09B0222-0130
Figure 10.4
OCD Register
Oscillation Stop Detection Register
(1)
Symbol
Address
After Reset
OCD
000Ch
04h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
The OCD3 bit remains 0 (main clock oscillates) if bits OCD1 to OCD0 are set to 00b.
The CM14 bit is set to 0 (low -speed on-chip oscillator on) if the OCD2 bit is set to 1 (on-chip oscillator clock
selected).
Refer to Figure 10.9 Procedure for Sw itching Clock Source from Low -Speed On-Chip Oscillator to Main
Clock for the sw itching procedure w hen the main clock re-oscillates after detecting an oscillation stop.
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting to this register.
The OCD2 bit is automatically set to 1 (on-chip oscillator clock selected) if a main clock oscillation stop is detected
w hile bits OCD1 to OCD0 are set to 11b (oscillation stop detection function enabled). If the OCD3 bit is set to 1 (main
clock stops), the OCD2 bit remains unchanged even w hen set to 0 (main clock selected).
The OCD3 bit is enabled w hen bits OCD1 to OCD0 are set to 11b (oscillation stop detection function enabled).
Set bits OCD1 to OCD0 to 00b (oscillation stop detection function disabled) before entering stop or on-chip oscillator
mode (main clock stops).
—
(b7-b4)
Reserved bits
Set to 0.
RW
OCD3
Clock monitor bit(3, 5)
0 : Main clock oscillates.
1 : Main clock stops.
RO
OCD2
System clock select bit(6)
0 : Selects main clock.(7)
1 : Selects on-chip oscillator clock.(2)
RW
OCD1
RW
Oscillation stop detection enable
bits
b1 b0
0 0 : Oscillation stop detection function
disabled
0 1 : Do not set.
1 0 : Do not set.
1 1 : Oscillation stop detection function
enabled(4, 7)
OCD0
RW
0000
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com