Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 36Page - Renesas Technology Corp R8C/18 Datasheet HTML 37Page - Renesas Technology Corp R8C/18 Datasheet HTML 38Page - Renesas Technology Corp R8C/18 Datasheet HTML 39Page - Renesas Technology Corp R8C/18 Datasheet HTML 40Page - Renesas Technology Corp R8C/18 Datasheet HTML 41Page - Renesas Technology Corp R8C/18 Datasheet HTML 42Page - Renesas Technology Corp R8C/18 Datasheet HTML 43Page - Renesas Technology Corp R8C/18 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 257 page
background image
R8C/18 Group, R8C/19 Group
5. Resets
Rev.1.30
Apr 14, 2006
Page 25 of 233
REJ09B0222-0130
Figure 5.4
Example of Hardware Reset Circuit and Operation
Figure 5.5
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage
Detection Circuit) and Operation
RESET
VCC
VCC
RESET
2.7 V
0V
0.2 VCC or below
td(P-R) + 500
µs or more
0V
NOTE:
1. Refer to 18. Electrical Characteristics.
RESET
VCC
VCC
RESET
2.7 V
td(P-R) + 500
µs or above
Example when
VCC = 5 V
Power supply
voltage detection
circuit
NOTE:
1. Refer to
18. Electrical Characteristics.
0 V
0 V
5 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com