Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 49Page - Renesas Technology Corp R8C/18 Datasheet HTML 50Page - Renesas Technology Corp R8C/18 Datasheet HTML 51Page - Renesas Technology Corp R8C/18 Datasheet HTML 52Page - Renesas Technology Corp R8C/18 Datasheet HTML 53Page - Renesas Technology Corp R8C/18 Datasheet HTML 54Page - Renesas Technology Corp R8C/18 Datasheet HTML 55Page - Renesas Technology Corp R8C/18 Datasheet HTML 56Page - Renesas Technology Corp R8C/18 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 257 page
background image
R8C/18 Group, R8C/19 Group
6. Programmable I/O Ports
Rev.1.30
Apr 14, 2006
Page 38 of 233
REJ09B0222-0130
X: 0 or 1
X: 0 or 1
X: 0 or 1
X: 0 or 1
Table 6.14
Port P3_5/CMP1_2
Register
PD3
PUR0
TCOUT
Function
Bit
PD3_5
PU07
TCOUT5
Setting
Value
0
0
0
Input port (not pulled up)
0
1
0
Input port (pulled up)
1
X
0
Output port
X
X
1
CMP1_2 output
Table 6.15
Port P3_7/CNTR0/TXD1
Register
PD3
PUR0
U1MR
TXMR
UCON
Function
Bit
PD3_7
PU07
SMD2 to SMD0
TXOCNT
U1SEL1, U1SEL0
Setting
Value
0
0
000b
0
0X
Input port (not pulled up)
0
1
000b
0
0X
Input port (pulled up)
1
X
000b
0
0X
Output port
XX
001b
X
11b
TXD1 output pin
100b
101b
110b
X
X
000b
1
XX
CNTR0 output pin
Table 6.16
Port XIN/P4_6, XOUT/P4_7
Register
CM1
CM1
CM0
Circuit specification
Function
Bit
CM13
CM10
CM05
Oscillation
buffer
Feedback
resistance
Setting
Value
1
1
1
OFF
OFF
XIN-XOUT oscillation stop
101
OFF
ON
External input to XIN pin, “H” output
from XOUT pin
1
0
1
OFF
ON
XIN-XOUT oscillation stop
1
0
0
ON
ON
XIN-XOUT oscillation
0
X
X
OFF
OFF
Input port
Table 6.17
Port P4_5/INT0/RXD1
Register
PD4
PUR1
UCON
INTEN
Function
Bit
PD4_5
PU11
U1SEL1, U1SEL0
INT0EN
Setting
Value
0
0
00b
0
Input port (not pulled up)
0
1
00b
0
Input port (pulled up)
0
0
00b
1
INT0 input
X0
01b
0
RXD1 input
10b
1
X
00b
X
Output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com