Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 35Page - Renesas Technology Corp R8C/18 Datasheet HTML 36Page - Renesas Technology Corp R8C/18 Datasheet HTML 37Page - Renesas Technology Corp R8C/18 Datasheet HTML 38Page - Renesas Technology Corp R8C/18 Datasheet HTML 39Page - Renesas Technology Corp R8C/18 Datasheet HTML 40Page - Renesas Technology Corp R8C/18 Datasheet HTML 41Page - Renesas Technology Corp R8C/18 Datasheet HTML 42Page - Renesas Technology Corp R8C/18 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 257 page
background image
R8C/18 Group, R8C/19 Group
5. Resets
Rev.1.30
Apr 14, 2006
Page 24 of 233
REJ09B0222-0130
5.1
Hardware Reset
A reset is applied using the RESET pin. When an “L” signal is applied to the RESET pin while the supply
voltage meets the recommended operating conditions, pins, CPU, and SFRs are reset (refer to Table
5.2 Pin Functions after Reset). When the input level applied to the RESET pin changes from “L” to “H”,
a program is executed beginning with the address indicated by the reset vector. After reset, the low-
speed on-chip oscillator clock divided by 8 is automatically selected as the CPU clock.
Refer to 4. Special Function Registers (SFRs) for the state of the SFRs after reset.
The internal RAM is not reset. If the RESET pin is pulled “L” while writing to the internal RAM is in
progress, the contents of internal RAM will be undefined.
Figure 5.4 shows an Example of Hardware Reset Circuit and Operation and Figure 5.5 shows an
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage Detection Circuit) and
Operation.
5.1.1
When Power Supply is Stable
(1) Apply “L” to the RESET pin.
(2) Wait for 500
µs (1/fRING-S × 20).
(3) Apply “H” to the RESET pin.
5.1.2
Power On
(1) Apply “L” to the RESET pin.
(2) Let the supply voltage increase until it meets the recommended operating condition.
(3) Wait for td(P-R) or more to allow the internal power supply to stabilize (refer to 18. Electrical
Characteristics).
(4) Wait for 500
µs (1/fRING-S × 20).
(5) Apply “H” to the RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com