Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 124Page - Renesas Technology Corp R8C/18 Datasheet HTML 125Page - Renesas Technology Corp R8C/18 Datasheet HTML 126Page - Renesas Technology Corp R8C/18 Datasheet HTML 127Page - Renesas Technology Corp R8C/18 Datasheet HTML 128Page - Renesas Technology Corp R8C/18 Datasheet HTML 129Page - Renesas Technology Corp R8C/18 Datasheet HTML 130Page - Renesas Technology Corp R8C/18 Datasheet HTML 131Page - Renesas Technology Corp R8C/18 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 113 of 233
REJ09B0222-0130
14.1.5
Pulse Period Measurement Mode
In pulse period measurement mode, the pulse period of an external signal input to the INT1/CNTR0
pin is measured (refer to Table 14.6 Pulse Period Measurement Mode Specifications). Figure 14.9
shows the TXMR Register in Pulse Period Measurement Mode. Figure 14.10 shows an Operating
Example in Pulse Period Measurement Mode.
NOTE:
1. Input a pulse with a period longer than twice of the prescaler X period. Input a pulse with a longer
“H” and “L” width than the prescaler X period. If a pulse with a shorter period is input to the CNTR0
pin, the input may be ignored.
Table 14.6
Pulse Period Measurement Mode Specifications
Item
Specification
Count sources
f1, f2, f8, fRING
Count operations
• Decrement
• After an active edge of the measured pulse is input, contents for the read-out
buffer are retained at the first underflow of prescaler X. Then timer X reloads
contents in the reload register at the second underflow of prescaler X and
continues counting.
Count start condition
1 (count starts) is written to the TXS bit in the TXMR register.
Count stop condition
0 (count stops) is written to the TXS bit in the TXMR register.
Interrupt request
generation timing
• When timer X underflows or reloads [timer X interrupt].
• Rising or falling of CNTR0 input (end of measurement period) [INT1 interrupt]
INT10/CNTR00,
INT11/CNTR01
pin functions
Measured pulse input(1) (INT1 interrupt input)
CNTR0 pin function
Programmable I/O port
Read from timer
Contents of the read-out buffer can be read out by reading the TX register. The
value retained in the read-out buffer is released by reading the TX register.
Write to timer
• When registers TX and PREX are written while the count is stopped, values
are written to both the reload register and counter.
• When registers TX and PREX are written during the count, the value is
written to each reload register of registers TX and PREX at the following
count source input, the data is transferred to the counter at the second count
source input, and the count re-starts at the third count source input.
Select functions
•INT1/CNTR0 polarity switch function
The R0EDG bit can select the measurement period for the input pulse.
• Measured pulse input pin select function
The CNTRSEL bit in the UCON register can select the CNTR00 or CNTR01
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com