Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 133Page - Renesas Technology Corp R8C/18 Datasheet HTML 134Page - Renesas Technology Corp R8C/18 Datasheet HTML 135Page - Renesas Technology Corp R8C/18 Datasheet HTML 136Page - Renesas Technology Corp R8C/18 Datasheet HTML 137Page - Renesas Technology Corp R8C/18 Datasheet HTML 138Page - Renesas Technology Corp R8C/18 Datasheet HTML 139Page - Renesas Technology Corp R8C/18 Datasheet HTML 140Page - Renesas Technology Corp R8C/18 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 122 of 233
REJ09B0222-0130
14.2.1
Timer Mode
In timer mode, a count source which is internally generated or timer X underflow is counted (refer to
Table 14.7 Timer Mode Specifications). The TZSC register is not used in timer mode. Figure 14.16
shows Registers TZMR and PUM in Timer Mode.
NOTE:
1. The IR bit in the TZIC register is set to 1 (interrupt requested) when writing to the TZPR or PREZ
register while both of the following conditions are met.
• TZWC bit in TZMR register is set to 0 (write to reload register and counter simultaneously)
• TZS bit in TZMR register is set to 1 (count starts)
Disable interrupts before writing to the TZPR or PREZ register in the above state.
Table 14.7
Timer Mode Specifications
Item
Specification
Count sources
f1, f2, f8, Timer X underflow
Count operations
• Decrement
• When the timer underflows, it reloads the reload register contents before the
count continues. (When timer Z underflows, the contents of timer Z primary
reload register is reloaded.)
Divided ratio
1/(n+1)(m+1) fi: Count source frequency
n: Value set in PREZ register, m: value set in TZPR register
Count start condition
1 (count starts) is written to the TZS bit in the TZMR register.
Count stop condition
0 (count stops) is written to the TZS bit in the TZMR register.
Interrupt request
generation timing
• When timer Z underflows [timer Z interrupt].
TZOUT pin function
Programmable I/O port
INT0 pin function
Programmable I/O port, or INT0 interrupt input
Read from timer
The count value can be read out by reading registers TZPR and PREZ.
Write to timer(1)
• When registers TZPR and PREZ are written while the count is stopped,
values are written to both the reload register and counter.
• When registers TZPR and PREZ are written during the count while the TZWC
bit is set to 0 (writing to the reload register and counter simultaneously), the
value is written to each reload register of registers TZPR and PREZ at the
following count source input, the data is transferred to the counter at the
second count source input, and the count re-starts at the third count source
input.
When the TZWC bit is set to 1 (writing to only the reload register), the value is
written to each reload register of registers TZPR and PREZ (the data is
transferred to the counter at the following reload).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com