Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 188Page - Renesas Technology Corp R8C/18 Datasheet HTML 189Page - Renesas Technology Corp R8C/18 Datasheet HTML 190Page - Renesas Technology Corp R8C/18 Datasheet HTML 191Page - Renesas Technology Corp R8C/18 Datasheet HTML 192Page - Renesas Technology Corp R8C/18 Datasheet HTML 193Page - Renesas Technology Corp R8C/18 Datasheet HTML 194Page - Renesas Technology Corp R8C/18 Datasheet HTML 195Page - Renesas Technology Corp R8C/18 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 177 of 233
REJ09B0222-0130
17.3.2
ROM Code Protect Function
The ROM code protect function disables reading or changing the contents of the on-chip flash
memory by the OFS register in parallel I/O mode. Figure 17.4 shows the OFS Register.
The ROM code protect function is enabled by writing 0 to the ROMCP1 bit and 1 to the ROMCR bit. It
disables reading or changing the contents of the on-chip flash memory.
Once ROM code protect is enabled, the content in the internal flash memory cannot be rewritten in
parallel I/O mode. To disable ROM code protect, erase the block including the OFS register with CPU
rewrite mode or standard serial I/O mode.
Figure 17.4
OFS Register
Option Function Select Register
(1)
Symbol
Address
Before Shipment
OFS
0FFFFh
FFh(2)
Bit Symbol
Bit Name
Function
RW
Reserved bit
NOTES:
1.
2. If the block including the OFS register is erased, FFh is set to the OFS register.
The OFS register is on the flash memory. Write to the OFS register w ith a program.
CSPROINI
Count source protect
mode after reset select
bit
0 : Count source protect mode enabled after reset.
1 : Count source protect mode disabled after reset.
RW
—
(b6-b4)
Reserved bits
Set to 1.
RW
ROMCP1
ROM code protect bit
0 : ROM code protect enabled
1 : ROM code protect disabled
RW
ROMCR
ROM code protect
disabled bit
0 : ROM code protect disabled
1 : ROMCP1enabled
RW
—
(b1)
Set to 1.
RW
WDTON
Watchdog timer start
select bit
0 : Starts w atchdog timer automatically after reset.
1 : Watchdog timer is inactive after reset.
RW
1
111
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com