Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 229Page - Renesas Technology Corp R8C/18 Datasheet HTML 230Page - Renesas Technology Corp R8C/18 Datasheet HTML 231Page - Renesas Technology Corp R8C/18 Datasheet HTML 232Page - Renesas Technology Corp R8C/18 Datasheet HTML 233Page - Renesas Technology Corp R8C/18 Datasheet HTML 234Page - Renesas Technology Corp R8C/18 Datasheet HTML 235Page - Renesas Technology Corp R8C/18 Datasheet HTML 236Page - Renesas Technology Corp R8C/18 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 257 page
background image
R8C/18 Group, R8C/19 Group
19. Usage Notes
Rev.1.30
Apr 14, 2006
Page 218 of 233
REJ09B0222-0130
19.2
Notes on Interrupts
19.2.1
Reading Address 00000h
Do not read address 00000h by a program. When a maskable interrupt request is acknowledged, the
CPU reads interrupt information (interrupt number and interrupt request level) from 00000h in the
interrupt sequence. At this time, the acknowledged interrupt IR bit is set to 0.
If address 00000h is read by a program, the IR bit for the interrupt which has the highest priority
among the enabled interrupts is set to 0. This may cause the interrupt to be canceled, or an
unexpected interrupt to be generated.
19.2.2
SP Setting
Set any value in the SP before an interrupt is acknowledged. The SP is set to 0000h after reset.
Therefore, if an interrupt is acknowledged before setting a value in the SP, the program may run out
of control.
19.2.3
External Interrupt and Key Input Interrupt
Either “L” level or “H” level of at least 250 ns width is necessary for the signal input to pins INT0 to
INT3 and pins KI0 to KI3 regardless of the CPU clock.
19.2.4
Watchdog Timer Interrupt
Reset the watchdog timer after a watchdog timer interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com