Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 241Page - Renesas Technology Corp R8C/18 Datasheet HTML 242Page - Renesas Technology Corp R8C/18 Datasheet HTML 243Page - Renesas Technology Corp R8C/18 Datasheet HTML 244Page - Renesas Technology Corp R8C/18 Datasheet HTML 245Page - Renesas Technology Corp R8C/18 Datasheet HTML 246Page - Renesas Technology Corp R8C/18 Datasheet HTML 247Page - Renesas Technology Corp R8C/18 Datasheet HTML 248Page - Renesas Technology Corp R8C/18 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 257 page
background image
R8C/18 Group, R8C/19 Group
Appendix 1. Package Dimensions
Rev.1.30
Apr 14, 2006
Page 230 of 233
REJ09B0222-0130
Detail F
x
14
14
8
7
1
28
22
21
15
F
1
7
8
15
21
22
28
y
D
bp
Lp
D2
Previous Code
JEITA Package Code
RENESAS Code
PWQN0028KA-
B
28PJW-
B
MASS[Typ.]
0.05g
P-HWQFN28-5x5-0.50
0.7
0.6
0.5
0.25
0.2
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.1
5.0
4.9
D
5.1
5.0
4.9
E
0.75
A2
0.8
A
0.05
0
0
2.0
E1
Lp
0.5
e
0.05
x
A1
bp
y0.05
D2
2.0
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com