Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 119Page - Renesas Technology Corp R8C/19 Datasheet HTML 120Page - Renesas Technology Corp R8C/19 Datasheet HTML 121Page - Renesas Technology Corp R8C/19 Datasheet HTML 122Page - Renesas Technology Corp R8C/19 Datasheet HTML 123Page - Renesas Technology Corp R8C/19 Datasheet HTML 124Page - Renesas Technology Corp R8C/19 Datasheet HTML 125Page - Renesas Technology Corp R8C/19 Datasheet HTML 126Page - Renesas Technology Corp R8C/19 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 108 of 233
REJ09B0222-0130
Figure 14.5
TXMR Register in Pulse Output Mode
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 signal
polarity sw itch bit(1)
P3_7/CNTR0
________
select bit
0 : Port P3_7
1 : CNTR0
________
output
NOTES:
1.
2. Refer to 14.1.6 Notes on Tim er X for precautions regarding the TXS bit.
RW
TXUND
RW
TXEDG
The IR bit in the INT1IC register may be set to 1 (requests interrupt) w hen the R0EDG bit is rew ritten.
Refer to 12.5.5 Changing Interrupt Sources.
TXMOD2
Set to 0 in pulse output mode.
Set to 0 in pulse output mode.
Set to 0 in pulse output mode.
RW
b3 b2
0 : CNTR0 signal output starts at “H”.
1 : CNTR0 signal output starts at “L”.
TXS
Timer X count start flag(2)
0 : Stops counting.
1 : Starts counting.
b1 b0
000
b7 b6 b5 b4
TXMOD0
RW
Operating mode select bits 0, 1
b1 b0
0 1 : Pulse output mode
TXMOD1
RW
1
0
R0EDG
RW
RW
TXOCNT
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com