Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 116Page - Renesas Technology Corp R8C/19 Datasheet HTML 117Page - Renesas Technology Corp R8C/19 Datasheet HTML 118Page - Renesas Technology Corp R8C/19 Datasheet HTML 119Page - Renesas Technology Corp R8C/19 Datasheet HTML 120Page - Renesas Technology Corp R8C/19 Datasheet HTML 121Page - Renesas Technology Corp R8C/19 Datasheet HTML 122Page - Renesas Technology Corp R8C/19 Datasheet HTML 123Page - Renesas Technology Corp R8C/19 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 105 of 233
REJ09B0222-0130
Figure 14.3
Registers PREX, TX, and TCSS
Prescaler X Register
Symbol
Address
After Reset
PREX
008Ch
FFh
Mode
Function
Setting Range
RW
Measures pulse w idth of input pulses from
external clock (counts internal count source).
00h to FFh
RW
Pulse period
measurement mode
Measures pulse period of input pulses from
external clock (counts internal count source).
00h to FFh
RW
Pulse w idth
measurement mode
b0
b7
Timer mode
RW
Counts internal count source.
00h to FFh
Pulse output mode
RW
Counts internal count source.
00h to FFh
Event counter mode
Counts input pulses from external clock.
00h to FFh
RW
Timer X Register
Symbol
Address
After Reset
TX
008Dh
FFh
Setting Range
RW
RW
00h to FFh
Function
Counts underflow of prescaler X
b7
b0
Timer Count Source Setting Register
Symbol
Address
After Reset
TCSS
008Eh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. Do not sw itch count sources during a count operation. Stop the timer count before sw itching count sources.
—
(b7-b6)
Reserved bits
Set to 0.
RW
TZCK1
RW
Timer Z count source select
bits(1)
b5 b4
0 0 : f1
0 1 : f8
1 0 : Selects timer X underflow .
1 1 : f2
TZCK0
Reserved bits
—
(b3-b2)
RW
RW
Set to 0.
TXCK1
RW
Timer X count source select
bits(1)
b1 b0
0 0 : f1
0 1 : f8
1 0 : fRING
1 1 : f2
00
b7 b6 b5 b4
00
TXCK0
RW
b3 b2 b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com