Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 113Page - Renesas Technology Corp R8C/19 Datasheet HTML 114Page - Renesas Technology Corp R8C/19 Datasheet HTML 115Page - Renesas Technology Corp R8C/19 Datasheet HTML 116Page - Renesas Technology Corp R8C/19 Datasheet HTML 117Page - Renesas Technology Corp R8C/19 Datasheet HTML 118Page - Renesas Technology Corp R8C/19 Datasheet HTML 119Page - Renesas Technology Corp R8C/19 Datasheet HTML 120Page - Renesas Technology Corp R8C/19 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 102 of 233
REJ09B0222-0130
14. Timers
The MCU has two 8-bit timers with 8-bit prescalers, and a 16-bit timer. The two 8-bit timers with 8-bit
prescalers are timer X and timer Z. These timers contain a reload register to store the default value of the
counter. The 16-bit timer is timer C, and has input capture and output compare functions. All the timers
operate independently. The count source for each timer is the operating clock that regulates the timing of
timer operations such as counting and reloading.
Table 14.1 lists Functional Comparison of Timers.
Table 14.1
Functional Comparison of Timers
Item
Timer X
Timer Z
Timer C
Configuration
8-bit timer with 8-bit
prescaler (with
reload register)
8-bit timer with 8-bit
prescaler (with
reload register)
16-bit free-run timer
(with input capture
and output compare)
Count
Decrement
Decrement
Increment
Count sources
• f1
•f2
•f8
•fRING
•f1
•f2
•f8
• Timer X underflow
•f1
•f8
•f32
•fRING-fast
Function
Timer mode
Provided
Provided
Not provided
Pulse output mode
Provided
Not provided
Not provided
Event counter mode
Provided
Not provided
Not provided
Pulse width measurement
mode
Provided
Not provided
Not provided
Pulse period measurement
mode
Provided
Not provided
Not provided
Programmable waveform
generation mode
Not provided
Provided
Not provided
Programmable one-shot
generation mode
Not provided
Provided
Not provided
Programmable wait one-
shot generation mode
Not provided
Provided
Not provided
Input capture mode
Not provided
Not provided
Provided
Output compare mode
Not provided
Not provided
Provided
Input pin
CNTR0
INT0
TCIN
Output pin
CNTR0
CNTR0
TZOUT
CMP0_0 to CMP0_2
CMP1_0 to CMP1_2
Related interrupt
Timer X interrupt
INT1 interrupt
Timer Z interrupt
INT0 interrupt
Timer C interrupt
INT3 interrupt
Compare 0 interrupt
Compare 1 interrupt
Timer stop
Provided
Provided
Provided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com