Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 111Page - Renesas Technology Corp R8C/19 Datasheet HTML 112Page - Renesas Technology Corp R8C/19 Datasheet HTML 113Page - Renesas Technology Corp R8C/19 Datasheet HTML 114Page - Renesas Technology Corp R8C/19 Datasheet HTML 115Page - Renesas Technology Corp R8C/19 Datasheet HTML 116Page - Renesas Technology Corp R8C/19 Datasheet HTML 117Page - Renesas Technology Corp R8C/19 Datasheet HTML 118Page - Renesas Technology Corp R8C/19 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 257 page
background image
R8C/18 Group, R8C/19 Group
13. Watchdog Timer
Rev.1.30
Apr 14, 2006
Page 100 of 233
REJ09B0222-0130
13.1
Count Source Protection Mode Disabled
The count source of the watchdog timer is the CPU clock when count source protection mode is
disabled. Table 13.2 lists the Watchdog Timer Specifications (with Count Source Protection Mode
Disabled).
NOTES:
1. The watchdog timer is reset when 00h is written to the WDTR register before FFh. The prescaler is
reset after the MCU is reset. Some errors in the period of the watchdog timer may be caused by the
prescaler.
2. The WDTON bit cannot be changed by a program. To set the WDTON bit, write 0 to bit 0 of address
0FFFFh with a flash programmer.
Table 13.2
Watchdog Timer Specifications (with Count Source Protection Mode Disabled)
Item
Specification
Count source
CPU clock
Count operation
Decrement
Period
Division ratio of prescaler (n) × count value of watchdog timer (32768)(1)
CPU clock
n: 16 or 128 (selected by WDC7 bit in WDC register)
Example: When the CPU clock frequency is 16 MHz and prescaler
divides by 16, the period is approximately 32.8 ms.
Count start conditions
The WDTON bit(2) in the OFS register (0FFFFh) selects the operation of
the watchdog timer after a reset.
• When the WDTON bit is set to 1 (watchdog timer is in stop state after
reset).
The watchdog timer and prescaler stop after a reset and the count
starts when the WDTS register is written to.
• When the WDTON bit is set to 0 (watchdog timer starts automatically
after exiting).
The watchdog timer and prescaler start counting automatically after
reset.
Reset condition of watchdog
timer
• Reset
• Write 00h to the WDTR register before writing FFh.
• Underflow
Count stop condition
Stop and wait modes (inherit the count from the held value after exiting
modes)
Operation at time of underflow • When the PM12 bit in the PM1 register is set to 0.
Watchdog timer interrupt
• When the PM12 bit in the PM1 register is set to 1.
Watchdog timer reset (Refer to 5.5 Watchdog Timer Reset.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com