Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 112Page - Renesas Technology Corp R8C/19 Datasheet HTML 113Page - Renesas Technology Corp R8C/19 Datasheet HTML 114Page - Renesas Technology Corp R8C/19 Datasheet HTML 115Page - Renesas Technology Corp R8C/19 Datasheet HTML 116Page - Renesas Technology Corp R8C/19 Datasheet HTML 117Page - Renesas Technology Corp R8C/19 Datasheet HTML 118Page - Renesas Technology Corp R8C/19 Datasheet HTML 119Page - Renesas Technology Corp R8C/19 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 257 page
background image
R8C/18 Group, R8C/19 Group
13. Watchdog Timer
Rev.1.30
Apr 14, 2006
Page 101 of 233
REJ09B0222-0130
13.2
Count Source Protection Mode Enabled
The count source of the watchdog timer is the low-speed on-chip oscillator clock when count source
protection mode is enabled. If the CPU clock stops when a program is out of control, the clock can still be
supplied to the watchdog timer. Table 13.3 lists the Watchdog Timer Specifications (with Count Source
Protection Mode Enabled).
NOTES:
1. The WDTON bit cannot be changed by a program. To set the WDTON bit, write 0 to bit 0 of address
0FFFFh with a flash programmer.
2. Even if 0 is written to the CSPROINI bit in the OFS register, the CSPRO bit is set to 1. The
CSPROINI bit cannot be changed by a program. To set the CSPROINI bit, write 0 to bit 7 of address
0FFFFh with a flash programmer.
Table 13.3
Watchdog Timer Specifications (with Count Source Protection Mode Enabled)
Item
Specification
Count source
Low-speed on-chip oscillator clock
Count operation
Decrement
Period
Count value of watchdog timer (4096)
Low-speed on-chip oscillator clock
Example: Period is approximately 32.8 ms when the low-speed on-chip
oscillator clock frequency is 125 kHz
Count start conditions
The WDTON bit(1) in the OFS register (0FFFFh) selects the operation of
the watchdog timer after a reset.
• When the WDTON bit is set to 1 (watchdog timer is in stop state after
reset).
The watchdog timer and prescaler stop after a reset and the count starts
when the WDTS register is written to.
• When the WDTON bit is set to 0 (watchdog timer starts automatically
after reset).
The watchdog timer and prescaler start counting automatically after a
reset.
Reset condition of watchdog
timer
• Reset
• Write 00h to the WDTR register before writing FFh.
• Underflow
Count stop condition
None (The count does not stop in wait mode after the count starts. The
MCU does not enter stop mode.)
Operation at time of
underflow
Watchdog timer reset (Refer to 5.5 Watchdog Timer Reset.)
Registers, bits
• When setting the CSPPRO bit in the CSPR register to 1 (count source
protection mode is enabled)(2), the following are set automatically
- Set 0FFFh to the watchdog timer
- Set the CM14 bit in the CM1 register to 0 (low-speed on-chip oscillator
on)
- Set the PM12 bit in the PM1 register to 1 (The watchdog timer is reset
when watchdog timer underflows.)
• The following conditions apply in count source protection mode
- Writing to the CM10 bit in the CM1 register is disabled. (It remains
unchanged even if it is set to 1. The MCU does not enter stop mode.)
- Writing to the CM14 bit in the CM1 register is disabled. (It remains
unchanged even if it is set to 1. The low-speed on-chip oscillator does
not stop.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com