Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 115Page - Renesas Technology Corp R8C/19 Datasheet HTML 116Page - Renesas Technology Corp R8C/19 Datasheet HTML 117Page - Renesas Technology Corp R8C/19 Datasheet HTML 118Page - Renesas Technology Corp R8C/19 Datasheet HTML 119Page - Renesas Technology Corp R8C/19 Datasheet HTML 120Page - Renesas Technology Corp R8C/19 Datasheet HTML 121Page - Renesas Technology Corp R8C/19 Datasheet HTML 122Page - Renesas Technology Corp R8C/19 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 104 of 233
REJ09B0222-0130
Figure 14.2
TXMR Register
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 signal
polarity sw itch bit(1)
P3_7/CNTR0
_______
select bit
NOTES:
1.
2.
The IR bit in the INT1IC register may be set to 1 (requests interrupt) w hen the R0EDG bit is rew ritten.
Refer to 12.5.5 Changing Interrupt Sources.
R0EDG
RW
RW
TXOCNT
Function varies depending on operating mode.
RW
TXMOD2
TXUND
RW
TXMOD0
RW
Operating mode select bits 0, 1 b1 b0
0 0 : Timer mode or pulse period measurement
mode
0 1 : Pulse output mode
1 0 : Event counter mode
1 1 : Pulse w idth measurement mode
TXMOD1
RW
b7 b6 b5 b4 b3 b2
Function varies depending on operating mode.
TXS
Timer X count start flag(2)
0 : Stops counting.
1 : Starts counting.
b1 b0
Refer to 14.1.6 Notes on Tim er X for precautions regarding the TXS bit.
RW
Timer X underflow flag
Function varies depending on operating mode.
Operating mode select bit 2
0 : Other than pulse period measurement mode
1 : Pulse period measurement mode
TXEDG
RW
Active edge judgment flag
Function varies depending on operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com