Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 131Page - Renesas Technology Corp R8C/19 Datasheet HTML 132Page - Renesas Technology Corp R8C/19 Datasheet HTML 133Page - Renesas Technology Corp R8C/19 Datasheet HTML 134Page - Renesas Technology Corp R8C/19 Datasheet HTML 135Page - Renesas Technology Corp R8C/19 Datasheet HTML 136Page - Renesas Technology Corp R8C/19 Datasheet HTML 137Page - Renesas Technology Corp R8C/19 Datasheet HTML 138Page - Renesas Technology Corp R8C/19 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 120 of 233
REJ09B0222-0130
Figure 14.14
Registers TZOC and PUM
Timer Z Output Control Register
(3)
Symbol
Address
After Reset
TZOC
008Ah
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
This bit is set to 0 w hen the output of one-shot w aveform is completed. If the TZS bit in the TZMR register w as set to
0 (count stops) to stop the w aveform output during one-shot w aveform output, set the TZOS bit to 0.
This bit is enabled only w hen operating in programmable w aveform generation mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
(b7-b3)
—
RW
—
(b1)
RW
Timer Z programmable w aveform
generation output sw itch bit(2)
0 : Outputs programmable w aveform.
1 : Outputs value in P1_3 port register.
TZOCNT
Timer Z one-shot start bit(1)
0 : One-shot stops.
1 : One-shot starts.
Reserved bit
Set to 0.
b7 b6 b5 b4
When executing an instruction w hich changes this register w hen the TZOS bit is set to 1 (during count), the TZOS
bit is automatically set to 0 (one-shot stop) if the count is completed w hile the instruction is being executed. If this
causes problems, execute an instruction w hich changes the contents of this register w hen the TZOS bit is set to 0
(one-shot stop).
b3 b2 b1 b0
TZOS
RW
0
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
pin one-shot trigger control
0 : INT0
_____
pin one-shot trigger disabled
bit (timer Z)(2)
1 : INT0
_____
pin one-shot trigger enabled
INT0
_____
pin one-shot trigger polarity
select bit (timer Z)(1)
NOTES:
1.
2.
RW
RW
INOSEG
RW
0 : Falling edge trigger
1 : Rising edge trigger
INOSTG
Timer Z output level latch
0
Reserved bits
Set to 0.
TZOPL
RW
b7 b6 b5 b4
00
The INOSEG bit is enabled only w hen the INT0PL bit in the INTEN register is set to 0 (one edge).
Set the INOSTG bit to 1 after setting the INT0EN bit in the INTEN register and the INOSEG bit in the PUM register.
0
b3 b2
Function varies depending on operating
mode.
b1 b0
0
—
(b4-b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com