Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 134Page - Renesas Technology Corp R8C/19 Datasheet HTML 135Page - Renesas Technology Corp R8C/19 Datasheet HTML 136Page - Renesas Technology Corp R8C/19 Datasheet HTML 137Page - Renesas Technology Corp R8C/19 Datasheet HTML 138Page - Renesas Technology Corp R8C/19 Datasheet HTML 139Page - Renesas Technology Corp R8C/19 Datasheet HTML 140Page - Renesas Technology Corp R8C/19 Datasheet HTML 141Page - Renesas Technology Corp R8C/19 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 123 of 233
REJ09B0222-0130
Figure 14.16
Registers TZMR and PUM in Timer Mode
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
pin one-shot trigger
control bit
INT0
_____
pin one-shot trigger
polarity select bit
RW
INOSEG
RW
Set to 0 in timer mode.
Set to 0 in timer mode.
RW
TZOPL
RW
0
Reserved bits
Set to 0.
Timer Z output level latch
Set to 0 in timer mode.
b7 b6 b5 b4
0000 0
b3 b2
INOSTG
b1 b0
0
—
(b4-b0)
0
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. Refer to 14.2.5 Notes on Tim er Z for precautions regarding the TZS bit.
RW
TZMOD0
RW
—
(b3-b0)
Reserved bits
Timer Z count start flag(2)
0 : Stops counting.
1 : Starts counting.
0
RW
RW
0
Set to 0.
RW
Timer Z operating mode
bits
b5 b4
0 0 : Timer mode
0
TZMOD1
b7 b6 b5 b4
00
b0
When the TZS bit is set to 1 (count starts), the setting value in the TZWC bit is enabled. When the TZWC bit is set to
0, timer Z count value is w ritten to both reload register and counter. Timer Z count value is w ritten to the reload
register only w hen the TZWC bit is set to 1. When the TZS bit is set to 0 (count stops), timer Z count value is w ritten
to both reload register and counter regardless of the setting value of the TZWC bit.
TZWC
TZS
Timer Z w rite control bit(1)
0 : Write to reload register and counter
1 : Write to reload register only
0
b3 b2 b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com