Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 135Page - Renesas Technology Corp R8C/19 Datasheet HTML 136Page - Renesas Technology Corp R8C/19 Datasheet HTML 137Page - Renesas Technology Corp R8C/19 Datasheet HTML 138Page - Renesas Technology Corp R8C/19 Datasheet HTML 139Page - Renesas Technology Corp R8C/19 Datasheet HTML 140Page - Renesas Technology Corp R8C/19 Datasheet HTML 141Page - Renesas Technology Corp R8C/19 Datasheet HTML 142Page - Renesas Technology Corp R8C/19 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 124 of 233
REJ09B0222-0130
14.2.2
Programmable Waveform Generation Mode
In programmable waveform generation mode, the signal output from the TZOUT pin is inverted each
time the counter underflows, while the values in registers TZPR and TZSC are counted alternately
(refer to Table 14.8 Programmable Waveform Generation Mode Specifications). Counting starts
by counting the value set in the TZPR register. Figure 14.17 shows Registers TZMR and PUM in
Programmable Waveform Generation Mode. Figure 14.18 shows an Operating Example of Timer Z in
Programmable Waveform Generation Mode.
NOTES:
1. Even when counting the secondary period, the TZPR register may be read.
2. The value set in registers TZPR and TZSC are made effective by writing a value to the TZPR
register. The set values are reflected in the waveform output beginning with the following primary
period after writing to the TZPR register.
3. The TZOCNT bit is enabled by the following.
• When counting starts.
• When a timer Z interrupt request is generated. The contents after the TZOCNT bit is changed are
reflected from the output of the following primary period.
Table 14.8
Programmable Waveform Generation Mode Specifications
Item
Specification
Count sources
f1, f2, f8, timer X underflow
Count operations
• Decrement
• When the timer underflows, it reloads the contents of the primary reload and
secondary reload registers alternately before the count is continued.
Width and period of
output waveform
Primary period: (n+1)(m+1)/fi
Secondary period: (n+1)(p+1)/fi
Period: (n+1){(m+1)+(p+1)}/fi
fi: Count source frequency
n: Value set in PREZ register, m: value set in TZPR register, p: value set in TZSC
register
Count start condition
1 (count starts) is written to the TZS bit in the TZMR register.
Count stop condition
0 (count stops) is written to the TZS bit in the TZMR register.
Interrupt request
generation timing
In half a cycle of count source, after timer Z underflows during the secondary
period (at the same time as the TZOUT output change) [timer Z interrupt].
TZOUT pin function
Pulse output
(To use this pin as a programmable I/O port, select timer mode.)
INT0 pin function
Programmable I/O port, or INT0 interrupt input
Read from timer
The count value can be read out by reading registers TZPR and PREZ(1).
Write to timer
The value written to registers TZSC, PREZ, and TZPR is written to the reload
register only(2)
Select functions
• Output level latch select function
The TZOPL bit can select the output level during primary and secondary
periods.
• Programmable waveform generation output switch function
When the TZOCNT bit in the TZOC register is set to 0, the output from the
TZOUT pin is inverted synchronously when timer Z underflows. When set to 1,
the value in the P1_3 bit is output from the TZOUT pin(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com