Electronic Components Datasheet Search
  English  ▼

X  

HD64F2621 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # HD64F2621
Description  16-Bit Single-Chip Microcomputer
PDF  1069 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2621 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button HD64F2621 Datasheet HTML 39Page - Renesas Technology Corp HD64F2621 Datasheet HTML 40Page - Renesas Technology Corp HD64F2621 Datasheet HTML 41Page - Renesas Technology Corp HD64F2621 Datasheet HTML 42Page - Renesas Technology Corp HD64F2621 Datasheet HTML 43Page - Renesas Technology Corp HD64F2621 Datasheet HTML 44Page - Renesas Technology Corp HD64F2621 Datasheet HTML 45Page - Renesas Technology Corp HD64F2621 Datasheet HTML 46Page - Renesas Technology Corp HD64F2621 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 1069 page
background image
Section 1 Overview
Rev. 5.00 Jan 10, 2006 page 19 of 1042
REJ09B0275-0500
Type
Symbol
I/O
Pin Name
Function
Operating
mode control
MD2 to
MD0
Input
Mode pins
These pins set the operating mode.
The relation between the settings of
pins MD2 to MD0 and the operating
mode is shown below. Inputs at these
pins should not be changed during
operation.
MD2
MD1
MD0
Operating Mode
000
—
1
—
10
—
1
—
100Mode 4
1
Mode 5
1
0
Mode 6
1
Mode 7
System
control
RES
Input
Reset input
When this pin is driven low, the chip is
reset.
STBY
Input
Standby
When this pin is driven low, a
transition is made to hardware standby
mode.
BREQ
Input
Bus request
Used by an external bus master to
issue a bus request to the chip.
BREQO
Output
Bus request
output
External bus request signal used when
an internal bus master accesses
external space in the external bus-
released state.
BACK
Output
Bus request
acknowledge
Indicates that the bus has been
released to an external bus master.
FWE
Input
Flash write enable Pin for use by flash memory
Interrupts
NMI
Input
Nonmaskable
interrupt
Requests a nonmaskable interrupt. If
this pin is not used, it should be fixed
high.
IRQ5 to
IRQ0
Input
Interrupt request
5 to 0
These pins request a maskable
interrupt.
Address bus
A23 to A0
Output
Address bus
These pins output address signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com