Electronic Components Datasheet Search
  English  ▼

X  

HD64F2621 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HD64F2621
Description  16-Bit Single-Chip Microcomputer
PDF  1069 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2621 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HD64F2621 Datasheet HTML 24Page - Renesas Technology Corp HD64F2621 Datasheet HTML 25Page - Renesas Technology Corp HD64F2621 Datasheet HTML 26Page - Renesas Technology Corp HD64F2621 Datasheet HTML 27Page - Renesas Technology Corp HD64F2621 Datasheet HTML 28Page - Renesas Technology Corp HD64F2621 Datasheet HTML 29Page - Renesas Technology Corp HD64F2621 Datasheet HTML 30Page - Renesas Technology Corp HD64F2621 Datasheet HTML 31Page - Renesas Technology Corp HD64F2621 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1069 page
background image
Section 1 Overview
Rev. 5.00 Jan 10, 2006 page 4 of 1042
REJ09B0275-0500
Item
Specifications
D/A converter
(H8S/2626 Group
only)
• Resolution: 8 bits
• Output: 2 channels
I/O ports
(H8S/2626 Group)
• 51 input/output pins, 17 input-only pins
I/O ports
(H8S/2623 Group)
• 53 input/output pins, 17 input-only pins
Memory
• Flash memory or masked ROM
• High-speed static RAM
Product Name
ROM
RAM
H8S/2626, H8S/2623
256 kbytes
12 kbytes
H8S/2625, H8S/2622
128 kbytes
8 kbytes
H8S/2624, H8S/2621
64 kbytes
4 kbytes
Interrupt controller
• Seven external interrupt pins (NMI, IRQ0 to IRQ5)
• Internal interrupt sources
H8S/2626: 48
H8S/2623: 47
• Eight priority levels settable
Power-down state
• Medium-speed mode
• Sleep mode
• Module stop mode
• Software standby mode
• Hardware standby mode
• Subclock operation (H8S/2626 Group only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com