Electronic Components Datasheet Search
  English  ▼

X  

HD64F2621 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD64F2621
Description  16-Bit Single-Chip Microcomputer
PDF  1069 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2621 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD64F2621 Datasheet HTML 25Page - Renesas Technology Corp HD64F2621 Datasheet HTML 26Page - Renesas Technology Corp HD64F2621 Datasheet HTML 27Page - Renesas Technology Corp HD64F2621 Datasheet HTML 28Page - Renesas Technology Corp HD64F2621 Datasheet HTML 29Page - Renesas Technology Corp HD64F2621 Datasheet HTML 30Page - Renesas Technology Corp HD64F2621 Datasheet HTML 31Page - Renesas Technology Corp HD64F2621 Datasheet HTML 32Page - Renesas Technology Corp HD64F2621 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1069 page
background image
Section 1 Overview
Rev. 5.00 Jan 10, 2006 page 5 of 1042
REJ09B0275-0500
Item
Specifications
Operating modes
• Four MCU operating modes
External Data Bus
Mode
CPU
Operating
Mode
Description
On-Chip
ROM
Initial
Width
Max.
Width
4
Advanced
On-chip ROM disabled
expansion mode
Disabled
16 bits
16 bits
5
On-chip ROM disabled
expansion mode
Disabled
8 bits
16 bits
6
On-chip ROM enabled
expansion mode
Enabled
8 bits
16 bits
7
Single-chip mode
Enabled
—
—
Clock pulse
generator
• Built-in PLL circuit (×1, ×2, ×4)
• Input clock frequency: 2 to 20 MHz
Package
• 100-pin plastic QFP (FP-100B)
Product lineup
Model
Mask ROM Version
F-ZTAT Version
ROM/RAM (Bytes)
Package
HD6432626
HD6432623
HD64F2626
HD64F2623
256 k/12 k
FP-100B
HD6432625
HD6432622
—
128 k/8 k
FP-100B
HD6432624
HD6432621
—
64 k/4 k
FP-100B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com