Electronic Components Datasheet Search
  English  ▼

X  

HD64F2621 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD64F2621
Description  16-Bit Single-Chip Microcomputer
PDF  1069 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2621 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD64F2621 Datasheet HTML 54Page - Renesas Technology Corp HD64F2621 Datasheet HTML 55Page - Renesas Technology Corp HD64F2621 Datasheet HTML 56Page - Renesas Technology Corp HD64F2621 Datasheet HTML 57Page - Renesas Technology Corp HD64F2621 Datasheet HTML 58Page - Renesas Technology Corp HD64F2621 Datasheet HTML 59Page - Renesas Technology Corp HD64F2621 Datasheet HTML 60Page - Renesas Technology Corp HD64F2621 Datasheet HTML 61Page - Renesas Technology Corp HD64F2621 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1069 page
background image
Section 2 CPU
Rev. 5.00 Jan 10, 2006 page 34 of 1042
REJ09B0275-0500
Free area
Stack area
SP (ER7)
Figure 2.9 Stack
2.4.3
Control Registers
The control registers are the 24-bit program counter (PC), 8-bit extended control register (EXR),
8-bit condition-code register (CCR), and 64-bit multiply-accumulate register (MAC).
(1) Program Counter (PC)
This 24-bit counter indicates the address of the next instruction the CPU will execute. The length
of all CPU instructions is 2 bytes (one word), so the least significant PC bit is ignored. (When an
instruction is fetched, the least significant PC bit is regarded as 0.)
(2) Extended Control Register (EXR)
This 8-bit register contains the trace bit (T) and three interrupt mask bits (I2 to I0).
Bit 7—Trace Bit (T): Selects trace mode. When this bit is cleared to 0, instructions are executed
in sequence. When this bit is set to 1, a trace exception is generated each time an instruction is
executed.
Bits 6 to 3—Reserved: They are always read as 1.
Bits 2 to 0—Interrupt Mask Bits (I2 to I0): These bits designate the interrupt mask level (0 to
7). For details, refer to section 5, Interrupt Controller.
Operations can be performed on the EXR bits by the LDC, STC, ANDC, ORC, and XORC
instructions. All interrupts, including NMI, are disabled for three states after one of these
instructions is executed, except for STC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com