Electronic Components Datasheet Search
  English  ▼

X  

HD64F2621 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # HD64F2621
Description  16-Bit Single-Chip Microcomputer
PDF  1069 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2621 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button HD64F2621 Datasheet HTML 85Page - Renesas Technology Corp HD64F2621 Datasheet HTML 86Page - Renesas Technology Corp HD64F2621 Datasheet HTML 87Page - Renesas Technology Corp HD64F2621 Datasheet HTML 88Page - Renesas Technology Corp HD64F2621 Datasheet HTML 89Page - Renesas Technology Corp HD64F2621 Datasheet HTML 90Page - Renesas Technology Corp HD64F2621 Datasheet HTML 91Page - Renesas Technology Corp HD64F2621 Datasheet HTML 92Page - Renesas Technology Corp HD64F2621 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 1069 page
background image
Section 2 CPU
Rev. 5.00 Jan 10, 2006 page 65 of 1042
REJ09B0275-0500
2.8.4
Program Execution State
In this state the CPU executes program instructions in sequence.
2.8.5
Bus-Released State
This is a state in which the bus has been released in response to a bus request from a bus master
other than the CPU. While the bus is released, the CPU halts operations.
Bus masters other than the CPU are data transfer controller (DTC).
For further details, refer to section 7, Bus Controller.
2.8.6
Power-Down State
The power-down state includes both modes in which the CPU stops operating and modes in which
the CPU does not stop. There are five modes in which the CPU stops operating: sleep mode,
software standby mode, hardware standby mode, subsleep mode*, and watch mode*. There are
also three other power-down modes: medium-speed mode, module stop mode, and subactive
mode*. In medium-speed mode the CPU and other bus masters operate on a medium-speed clock.
Module stop mode permits halting of the operation of individual modules, other than the CPU.
Subactive mode*, subsleep mode*, and watch mode* are power-down states using subclock input.
For details, refer to section 21B, Power-Down Modes [H8S/2626 Group].
Note: *
Supported only in the H8S/2626 Group; not available in the H8S/2623 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com