Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 172Page - Renesas Technology Corp H83065 Datasheet HTML 173Page - Renesas Technology Corp H83065 Datasheet HTML 174Page - Renesas Technology Corp H83065 Datasheet HTML 175Page - Renesas Technology Corp H83065 Datasheet HTML 176Page - Renesas Technology Corp H83065 Datasheet HTML 177Page - Renesas Technology Corp H83065 Datasheet HTML 178Page - Renesas Technology Corp H83065 Datasheet HTML 179Page - Renesas Technology Corp H83065 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 154 of 938
REJ09B0276-0400
Table 6.4
Data Buses Used and Valid Strobes
Area
Access
Size
Read/Write
Address
Valid Strobe
Upper Data Bus
(D
15 to D8)
Lower Data Bus
(D
7 to D0)
Byte
Read
—
RD
Valid
Invalid
8-bit
access
area
Write
—
HWR
Undetermined
data
Byte
Read
Even
RD
Valid
Invalid
Odd
Invalid
Valid
16-bit
access
area
Write
Even
HWR
Valid
Undetermined
data
Odd
LWR
Undetermined
data
Valid
Word
Read
—
RD
Valid
Valid
Write
—
HWR, LWR
Valid
Valid
Notes: 1. Undetermined data means that unpredictable data is output.
2. Invalid means that the bus is in the input state and the input is ignored.
6.4.4
Memory Areas
The initial state of each area is basic bus interface, three-state access space. The initial bus width is
selected according to the operating mode. The bus specifications described here cover basic items
only, and the following sections should be referred to for further details: 6.4, Basic Bus Interface,
6.5, DRAM Interface, 6.8, Burst ROM Interface.
Area 0: Area 0 includes on-chip ROM, and in ROM-disabled expansion mode, all of area 0 is
external space. In ROM-enabled expansion mode, the space excluding on-chip ROM is external
space.
When area 0 external space is accessed, the
CS
0 signal can be output.
Either basic bus interface or burst ROM interface can be selected for area 0.
The size of area 0 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3, 4, and 5.
Areas 1 and 6: In external expansion mode, areas 1 and 6 are entirely external space.
When area 1 and 6 external space is accessed, the
CS
1 and CS6 pin signals respectively can be
output.
Only the basic bus interface can be used for areas 1 and 6.
The size of areas 1 and 6 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3, 4, and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com