Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 169Page - Renesas Technology Corp H83065 Datasheet HTML 170Page - Renesas Technology Corp H83065 Datasheet HTML 171Page - Renesas Technology Corp H83065 Datasheet HTML 172Page - Renesas Technology Corp H83065 Datasheet HTML 173Page - Renesas Technology Corp H83065 Datasheet HTML 174Page - Renesas Technology Corp H83065 Datasheet HTML 175Page - Renesas Technology Corp H83065 Datasheet HTML 176Page - Renesas Technology Corp H83065 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 151 of 938
REJ09B0276-0400
• ADRCR is allocated to address H'FEE01E. In the flash memory version, the corresponding
address is empty space, but it is necessary to confirm that no accesses are made to H'FEE01E
in the program.
• When address update mode 2 is selected, the address in an internal space (on-chip memory or
internal I/O) access cycle is not output externally.
• In order to secure address holding with respect to the rise of RD, when address update mode 2
is used an external space read access must be completed within a single access cycle. For
example, in a word access to 8-bit access space, the bus cycle is split into two as shown in
figure 6.6., and so there is not a single access cycle. In this case, address holding is not
guaranteed at the rise of
RD between the first (even address) and second (odd address) access
cycles (area inside the ellipse in the figure).
On-chip
memory cycle
On-chip
memory cycle
External read cycle
(8-bit space word access)
Address update
mode 2
RD
Even address
Odd address
Figure 6.6 Example of Consecutive External Space Accesses in Address Update Mode 2
• When address update mode 2 is selected, in a DRAM space CAS-before-RAS (CBR) refresh
cycle the previous address is retained (the area 2 start address is not output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com