Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 170Page - Renesas Technology Corp H83065 Datasheet HTML 171Page - Renesas Technology Corp H83065 Datasheet HTML 172Page - Renesas Technology Corp H83065 Datasheet HTML 173Page - Renesas Technology Corp H83065 Datasheet HTML 174Page - Renesas Technology Corp H83065 Datasheet HTML 175Page - Renesas Technology Corp H83065 Datasheet HTML 176Page - Renesas Technology Corp H83065 Datasheet HTML 177Page - Renesas Technology Corp H83065 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 152 of 938
REJ09B0276-0400
6.4
Basic Bus Interface
6.4.1
Overview
The basic bus interface enables direct connection of ROM, SRAM, and so on.
The bus specifications can be selected with ABWCR, ASTCR, WCRH, and WCRL
(see table 6.3).
6.4.2
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and when accessing external space, controls whether the
upper data bus (D
15 to D8) or lower data bus (D7 to D0) is used according to the bus specifications
for the area being accessed (8-bit access area or 16-bit access area) and the data size.
8-Bit Access Areas: Figure 6.7 illustrates data alignment control for 8-bit access space. With 8-bit
access space, the upper data bus (D
15 to D8) is always used for accesses. The amount of data that
can be accessed at one time is one byte: a word access is performed as two byte accesses, and a
longword access, as four byte accesses.
D15
D8 D7
D0
Upper data bus
Lower data bus
1st bus cycle
2nd bus cycle
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
Byte size
Word size
Longword size
Figure 6.7 Access Sizes and Data Alignment Control (8-Bit Access Area)
16-Bit Access Areas: Figure 6.8 illustrates data alignment control for 16-bit access areas. With
16-bit access areas, the upper data bus (D
15 to D8) and lower data bus (D7 to D0) are used for
accesses. The amount of data that can be accessed at one time is one byte or one word, and a
longword access is executed as two word accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com