Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 30Page - Renesas Technology Corp 7534 Datasheet HTML 31Page - Renesas Technology Corp 7534 Datasheet HTML 32Page - Renesas Technology Corp 7534 Datasheet HTML 33Page - Renesas Technology Corp 7534 Datasheet HTML 34Page - Renesas Technology Corp 7534 Datasheet HTML 35Page - Renesas Technology Corp 7534 Datasheet HTML 36Page - Renesas Technology Corp 7534 Datasheet HTML 37Page - Renesas Technology Corp 7534 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 221 page
background image
7534 Group
HARDWARE
FUNCTIONAL DESCRIPTION
Rev.3.00
Oct 23, 2006
page 21 of 55
REJ09B0178-0300
Fig. 18 Interrupt control
Fig. 19 Structure of Interrupt-related registers
Interrupt disable flag I
Interrupt request
Interrupt request bit
Interrupt enable bit
BRK instruction
Reset
b7
b0
b7
b0
Interrupt edge selection register
INT0 interrupt edge selection bit
0 : Falling edge active
1 : Rising edge active
INT1 interrupt edge selection bit
0 : Falling edge active
1 : Rising edge active
Not used (returns “0” when read)
Serial I/O1 or INT1 interrupt selection bit
0 : Serial I/O1
1 : INT1
Timer X or key-on wake up interrupt selection bit
0 : Timer X
1 : Key-on wake up
Timer 2 or serial I/O2 interrupt selection bit
0 : Timer 2
1 : Serial I/O2
CNTR0 or AD converter interrupt selection bit
0 : CNTR0
1 : AD converter
(INTEDGE : address 003A16)
Interrupt request register 1
UART receive/USB IN token interrupt request bit
UART transmit/USB SETUP/OUT token/ Reset/Suspend/Resume/INT interrupt request bit
INT0 interrupt request bit
Timer X or key-on wake up interrupt request bit
Timer 1 interrupt request bit
Timer 2 or serial I/O2 interrupt request bit
CNTR0 or AD converter interrupt request bit
Not used (returns “0” when read)
0 : No interrupt request issued
1 : Interrupt request issued
(IREQ1 : address 003C16)
b7
b0 Interrupt control register 1
UART receive/USB IN token interrupt enable bit
UART transmit/USB SETUP/OUT token/ Reset/Suspend/Resume/INT interrupt enable bit
INT0 interrupt enable bit
Timer X or key-on wake up interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 or serial I/O2 interrupt enable bit
CNTR0 or AD converter interrupt enable bit
Not used (returns “0” when read)
(Do not write “1” to this bit)
0 : Interrupts disabled
1 : Interrupts enabled
(ICON1 : address 003E16)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com