Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 85Page - Renesas Technology Corp 7534 Datasheet HTML 86Page - Renesas Technology Corp 7534 Datasheet HTML 87Page - Renesas Technology Corp 7534 Datasheet HTML 88Page - Renesas Technology Corp 7534 Datasheet HTML 89Page - Renesas Technology Corp 7534 Datasheet HTML 90Page - Renesas Technology Corp 7534 Datasheet HTML 91Page - Renesas Technology Corp 7534 Datasheet HTML 92Page - Renesas Technology Corp 7534 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 221 page
background image
APPLICATION
7534 Group
2.2 Timer
Rev.3.00
Oct 23, 2006
page 20 of 78
REJ09B0178-0300
(3) Timer application example 2: Piezoelectric buzzer output
Outline: The rectangular waveform output function of the timer is applied for a piezoelectric buzzer
output.
Specifications: •The rectangular waveform, dividing the clock f(XIN) = 6.00 MHz into about 2 kHz
(1995 Hz), is output from the P14/CNTR0 pin.
•The level of the P14/CNTR0 pin is fixed to “H” while a piezoelectric buzzer output
stops.
Figure 2.2.14 shows a peripheral circuit example, and Figure 2.2.15 shows the timers connection and
setting of division ratios. Figures 2.2.16 shows the relevant registers setting, and Figure 2.2.17
shows the control procedure.
Fig. 2.2.14 Peripheral circuit example
Fig. 2.2.15 Timers connection and setting of division ratios
7534 Group
P14/CNTR0
PiPiPi.....
250
µs
CNTR0 output
The “H” level is output while a piezoelectric buzzer output stops.
250
µs
Set a division ratio so that the
underflow output period of the timer X
can be 250
µs.
1/16
1/94
1/2
CNTR0
1
f(XIN) = 6.00 MHz
Timer X count source
selection bit
Prescaler X
Timer X
Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com