Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 52Page - Renesas Technology Corp 7534 Datasheet HTML 53Page - Renesas Technology Corp 7534 Datasheet HTML 54Page - Renesas Technology Corp 7534 Datasheet HTML 55Page - Renesas Technology Corp 7534 Datasheet HTML 56Page - Renesas Technology Corp 7534 Datasheet HTML 57Page - Renesas Technology Corp 7534 Datasheet HTML 58Page - Renesas Technology Corp 7534 Datasheet HTML 59Page - Renesas Technology Corp 7534 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 221 page
background image
7534 Group
HARDWARE
Rev.3.00
Oct 23, 2006
page 43 of 55
REJ09B0178-0300
One Time PROM Version
The CNVss pin is connected to the internal memory circuit block by a
low-ohmic resistance, since it has the multiplexed function to be a
programmable power source pin (VPP pin) as well.
To improve the noise reduction, connect a track between CNVss pin
and Vss pin with 1 to 10 k
Ω resistance.
The mask ROM version track of CNVss pin has no operational inter-
ference even if it is connected via a resistor.
Electric Characteristic Differences Among
Mask ROM and One TIme PROM Version MCUs
There are differences in electric characteristics, operation margin,
noise immunity, and noise radiation among mask ROM and One
Time PROM version MCUs due to the differences in the manufac-
turing processes.
When manufacturing an application system with One Time PROM
version and then switching to use of the mask ROM version, per-
form sufficient evaluations for the commercial samples of the
mask ROM version.
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and may
perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
DATA REQUIRED FOR MASK ORDERS/ROM PROGRAMMING METHOD
SUSPEND Routine
RESUME Routine
STP
Configuration to CMOS input
level for P10, P12, P13 input level.
Remote wake up Routine
P1P3C xxxxx0xx2
Configuration to CMOS
input level for P10, P12, P13
input level.
P1P3C xxxxx1xx2
Configuration to TTL input
level for P10, P12, P13 input
level.
P1P3C xxxxx1xx2
Configuration to TTL input
level for P10, P12, P13 input
level.
Configuration to TTL input level
for P10, P12, P13 input level.
Configuration to TTL input level
for P10, P12, P13 input level.
Fig. 49 Countermeasure (2) by software
Note on A/D Converter
Method to stabilize A/D Converter is described below.
(a) A/D conversion accuracy could be affected for Bus Powered*1
USB devices, while the communicating.
Figure 50 shows the method to stabilize A/D conversion accu-
racy, inserting a capacitor between Vref and VSS.
*1: Power supplied by USB VCC BUS.
(b) It is recommended for A/D accuracy to avoid converting while
USB communication, and use average value of several con-
verted values.
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM produc-
tion:
(1) Mask ROM Order Confirmation Form
(2) Mark Specification Form
(3) Data to be written to ROM, in EPROM form
(three identical copies)
* For the mask ROM confirmation and the mark specifications,
refer to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com).
Fig. 50 Method to stabilize A/D conversion accuracy
AN0 to AN7
Vcc
CNVss
1
µF
0.01 to 1
µF
Vref
Vss
1 to 10 k
Ω
0.1 to 1
µF: Recommends for A/D accuracy
0.22
µF
7534 Group
1.5 k
Ω
USBVREFOUT
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com