Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 82Page - Renesas Technology Corp 7534 Datasheet HTML 83Page - Renesas Technology Corp 7534 Datasheet HTML 84Page - Renesas Technology Corp 7534 Datasheet HTML 85Page - Renesas Technology Corp 7534 Datasheet HTML 86Page - Renesas Technology Corp 7534 Datasheet HTML 87Page - Renesas Technology Corp 7534 Datasheet HTML 88Page - Renesas Technology Corp 7534 Datasheet HTML 89Page - Renesas Technology Corp 7534 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 221 page
background image
7534 Group
APPLICATION
2.2 Timer
Rev.3.00
Oct 23, 2006
page 17 of 78
REJ09B0178-0300
(2) Timer application example 1: Clock function (measurement of 100 ms)
Outline: The input clock is divided by the timer so that the clock can count up at 100 ms intervals.
Specifications: •The clock f(XIN) = 6.00 MHz is divided by the timer.
•The clock is counted up in the process routine of the timer X interrupt which occurs
at 100 ms intervals.
Figure 2.2.11 shows the timers connection and setting of division ratios; Figure 2.2.12 shows the
relevant registers setting; Figure 2.2.13 shows the control procedure.
Fig. 2.2.11 Timers connection and setting of division ratios
f(XIN) = 6.00 MHz
100 ms
1/16
1/147
1/256
1/10
1 second
Dividing by 4 with software
Timer X count source
selection bit
Prescaler X
Timer X
Timer X interrupt
request bit
0 or 1
0 : No interrupt request issued
1 : Interrupt request issued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com