Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 29Page - Renesas Technology Corp 7534 Datasheet HTML 30Page - Renesas Technology Corp 7534 Datasheet HTML 31Page - Renesas Technology Corp 7534 Datasheet HTML 32Page - Renesas Technology Corp 7534 Datasheet HTML 33Page - Renesas Technology Corp 7534 Datasheet HTML 34Page - Renesas Technology Corp 7534 Datasheet HTML 35Page - Renesas Technology Corp 7534 Datasheet HTML 36Page - Renesas Technology Corp 7534 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 221 page
background image
HARDWARE
7534 Group
FUNCTIONAL DESCRIPTION
Rev.3.00
Oct 23, 2006
page 20 of 55
REJ09B0178-0300
Interrupt operation
Upon acceptance of an interrupt the following operations are auto-
matically performed:
1. The processing being executed is stopped.
2. The contents of the program counter and processor status regis-
ter are automatically pushed onto the stack.
3. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
4. Concurrently with the push operation, the interrupt destination
address is read from the vector table into the program counter.
Notes on use
When the active edge of an external interrupt (INT0, INT1, CNTR0) is
set, the interrupt request bit may be set.
Therefore, please take following sequence:
1. Disable the external interrupt which is selected.
2. Change the active edge in interrupt edge selection register. (in
case of CNTR0: Timer X mode register)
3. Clear the set interrupt request bit to “0”.
4. Enable the external interrupt which is selected.
Remarks
Non-maskable
Valid in UART mode
Valid in USB mode
Valid in UART mode
Valid in USB mode
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt (valid at falling)
STP release timer underflow
External interrupt (active edge
selectable)
Non-maskable software interrupt
Note 1: Vector addressed contain internal jump destination addresses.
2: Reset function in the same way as an interrupt with the highest priority.
Interrupts
Interrupts occur by 14 different sources : 4 external sources, 9 inter-
nal sources and 1 software source.
Interrupt control
All interrupts except the BRK instruction interrupt have an interrupt
request bit and an interrupt enable bit, and they are controlled by the
interrupt disable flag. When the interrupt enable bit and the interrupt
request bit are set to “1” and the interrupt disable flag is set to “0”, an
interrupt is accepted.
The interrupt request bit can be cleared by program but not be set.
The interrupt enable bit can be set and cleared by program.
It becomes usable by switching CNTR0 and A/D interrupt sources
with bit 7 of the interrupt edge selection register, timer 2 and serial I/
O2 interrupt sources with bit 6, timer X and key-on wake-up interrupt
sources with bit 5, and serial I/O transmit and INT1 interrupt sources
with bit 4.
The reset and BRK instruction interrupt can never be disabled with
any flag or bit. All interrupts except these are disabled when the in-
terrupt disable flag is set.
When several interrupts occur at the same time, the interrupts are
received according to priority.
Table 6 Interrupt vector address and priority
Vector addresses (Note 1)
High-order
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
Priority
1
2
3
4
5
6
7
8
9
Low-order
FFFC16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
Interrupt request generating conditions
At reset input
At completion of UART data receive
At detection of IN token
At completion of UART transmit shift or
when transmit buffer is empty
At detection of SETUP/OUT token or
At detection of Reset/ Suspend/ Resume
At detection of either rising or falling edge
of INT1 input
At detection of either rising or falling edge
of INT0 input
At timer X underflow
At falling of conjunction of input logical
level for port P0 (at input)
At timer 1 underflow
At timer 2 underflow
At completion of transmit/receive shift
At detection of either rising or falling edge
of CNTR0 input
At completion of A/D conversion
At BRK instruction execution
Interrupt source
Reset (Note 2)
UART receive
USB IN token
UART transmit
USB SETUP/OUT token
Reset/Suspend/Resume
INT1
INT0
Timer X
Key-on wake-up
Timer 1
Timer 2
Serial I/O2
CNTR0
A/D conversion
BRK instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com