Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 11Page - Renesas Technology Corp 7534 Datasheet HTML 12Page - Renesas Technology Corp 7534 Datasheet HTML 13Page - Renesas Technology Corp 7534 Datasheet HTML 14Page - Renesas Technology Corp 7534 Datasheet HTML 15Page - Renesas Technology Corp 7534 Datasheet HTML 16Page - Renesas Technology Corp 7534 Datasheet HTML 17Page - Renesas Technology Corp 7534 Datasheet HTML 18Page - Renesas Technology Corp 7534 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 221 page
background image
HARDWARE
7534 Group
Rev.3.00
Oct 23, 2006
page 2 of 55
REJ09B0178-0300
DESCRIPTION
The 7534 Group is the 8-bit microcomputer based on the 740 family
core technology.
The 7534 Group has a USB, 8-bit timers, and an A/D converter, and
is useful for an input device for personal computer peripherals.
FEATURES
• Basic machine-language instructions ....................................... 69
• The minimum instruction execution time .......................... 0.34 µs
(at 6 MHz oscillation frequency for the shortest instruction)
• Memory size
ROM ............................................... 8K to 16K bytes
RAM .............................................. 256 to 384 bytes
• Programmable I/O ports ...................................... 28 (36-pin type)
............................................................................ 24 (32-pin type)
............................................................................ 33 (42-pin type)
• Interrupts .................................................... 14 sources, 8 vectors
• Timers ............................................................................ 8-bit ✕ 3
• Serial Interface
Serial I/O1 ................................ used only for Low Speed in USB
(based on Low-Speed USB2.0 specification)
(USB/UART)
Serial I/O2 ...................................................................... 8-bit ✕ 1
(Clock-synchronized)
• A/D converter ................................................ 10-bit ✕ 8 channels
• Clock generating circuit ............................................. Built-in type
(connect to external ceramic resonator or quartz-crystal oscillator )
• Watchdog timer ............................................................ 16-bit ✕ 1
• Power source voltage
At 6 MHz XIN oscillation frequency at ceramic resonator
................................ 4.1 to 5.5 V(4.4 to 5.25 V at USB operation)
• Power dissipation ............................................ 30 mW (standard)
• Operating temperature range ................................... –20 to 85 °C
(0 to 70 °C at USB operation)
• Built-in USB 3.3 V Regulator + transceiver based on Low-Speed
USB2.0 specification
APPLICATION
Input device for personal computer peripherals
PIN CONFIGURATION (TOP VIEW)
Fig. 1 Pin configuration of M37534M4-XXXFP, M37534E8FP
Outline: PRSP0036GA-A (36P2R-A)
10
1
2
3
4
6
7
8
9
11
12
14
15
16
5
13
17
18
36
35
34
33
31
30
26
25
24
23
22
21
20
19
32
27
29
28
P00
CNVSS
XOUT
XIN
VSS
P01
P02
P03
P04
P30(LED0)
Vcc
VREF
P05
P10/RXD/D-
P26/AN6
P27/AN7
P11/TXD/D+
P12/SCLK
P13/SDATA
P23/AN3
P22/AN2
P21/AN1
P20/AN0
P31(LED1)
P37/INT0
P24/AN4
P25/AN5
P06
P07
USBVREFOUT
RESET
P14/CNTR0
P35(LED5)
P34(LED4)
P33(LED3)
P32(LED2)
DESCRIPTION/FEATURES/APPLICATION/PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com