Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 76Page - Renesas Technology Corp 7534 Datasheet HTML 77Page - Renesas Technology Corp 7534 Datasheet HTML 78Page - Renesas Technology Corp 7534 Datasheet HTML 79Page - Renesas Technology Corp 7534 Datasheet HTML 80Page - Renesas Technology Corp 7534 Datasheet HTML 81Page - Renesas Technology Corp 7534 Datasheet HTML 82Page - Renesas Technology Corp 7534 Datasheet HTML 83Page - Renesas Technology Corp 7534 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 221 page
background image
7534 Group
APPLICATION
2.2 Timer
Rev.3.00
Oct 23, 2006
page 11 of 78
REJ09B0178-0300
Fig. 2.2.3 Structure of Timer 1
Fig. 2.2.4 Structure of Timer 2
Timer 1
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
0
0
0
0
0
0
0
Timer 1 (T1) [Address : 29 16]
•Set a count value of timer 1.
•The value set in this register is written to both timer 1 and timer 1
latch at the same time.
•When this register is read out, the timer 1’s count value is read
out.
Timer 2
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
Timer 2 (T2) [Address : 2A 16]
•Set a count value of timer 2.
•The value set in this register is written to both timer 2 and timer 2
latch at the same time.
•When this register is read out, the timer 2’s count value is read
out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com