Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 59Page - Renesas Technology Corp 7534 Datasheet HTML 60Page - Renesas Technology Corp 7534 Datasheet HTML 61Page - Renesas Technology Corp 7534 Datasheet HTML 62Page - Renesas Technology Corp 7534 Datasheet HTML 63Page - Renesas Technology Corp 7534 Datasheet HTML 64Page - Renesas Technology Corp 7534 Datasheet HTML 65Page - Renesas Technology Corp 7534 Datasheet HTML 66Page - Renesas Technology Corp 7534 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 221 page
background image
HARDWARE
7534 Group
Rev.3.00
Oct 23, 2006
page 50 of 55
REJ09B0178-0300
Wait mode
System enters the wait mode by executing the WIT instruction. In the wait mode, the oscillation is operating,
but the internal clock
φ is stopped. Accordlingly, CPU is stopped, but the peripheral devices are operating.
(1) Wait mode state
Table 12 shows the state at wait mode.
Table 12 Wait mode state
Parameter
Oscillation
CPU
I/O port
Timer
UART
A/D conversion
Serial I/O2
USB
State
Stop
Stop
State at WIT instruction execution
retained
At selecting internal count source:
Operating
At selecting external count source:
Operating
Operating
Operating
(Conversion
is
continued if the WIT instruction
is executed during conversion)
At selecting internal synchronous
clock: Operating
At selecting external synchronous
clock: Operating
Operating
State
Operating
State retained
State retained (Timer 1, timer 2 and
prescaler 12 excepted)
State retained
• Accumulator
• Index register X
• Index register Y
• Stack pointer
• Program counter
• Processor status register
Parameter
Watchdog timer
RAM
SFR
CPU register
(2) Wait mode release
Wait mode is released by reset input or interrupt occurrence. In the wait mode, since the oscillation
is continued, the instruction is executed after the system is released from the wait mode. The
interrupt sources which can be used for return from wait mode are shown below.
• INT0
• INT1
• CNTR0
• Timer
• Serial I/O2
• A/D conversion
• Key-on wakeup
• USB function
• UART
When the above interrupt sources are used for return from wait mode, execute the WIT instruction
after the following are set in order to enable the using interrupts.
➀ Clear the interupt request bit of the interrupt using for return to “0”
➁ Set the interupt enable bit of the interrupt using for return to “1”
➂ Clear the interrupt disable flag (I) to “0”
FUNCTIONAL DESCRIPTION SUPPLEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com