Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7534
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 79Page - Renesas Technology Corp 7534 Datasheet HTML 80Page - Renesas Technology Corp 7534 Datasheet HTML 81Page - Renesas Technology Corp 7534 Datasheet HTML 82Page - Renesas Technology Corp 7534 Datasheet HTML 83Page - Renesas Technology Corp 7534 Datasheet HTML 84Page - Renesas Technology Corp 7534 Datasheet HTML 85Page - Renesas Technology Corp 7534 Datasheet HTML 86Page - Renesas Technology Corp 7534 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 221 page
background image
APPLICATION
7534 Group
2.2 Timer
Rev.3.00
Oct 23, 2006
page 14 of 78
REJ09B0178-0300
Fig. 2.2.7 Structure of Timer count source set register
Fig. 2.2.8 Structure of Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
Timer count source set register (TCSS) [Address : 2E 16]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
✕
✕
Timer count source set register
Timer X count source
selection bit (Note)
0 : f(XIN) / 16
1 : f(XIN) / 2
0
0
0
✕
✕
✕
✕
Note: To switch the timer X count source selection bit, stop the timer X count
operation before do that.
Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Interrupt edge selection register (INTEDGE) [Address : 3A 16]
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
✕
INT0 interrupt edge
selection bit (Note 1)
INT1 interrupt edge
selection bit ( Note 2)
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
Serial I/O1 or INT 1 interrupt
selection bit
Timer X or key-on wake up
interrupt selection bit
Timer 2 or serial I/O2 interrupt
selection bit
CNTR0 or AD converter
interrupt selection bit
0 : Serial I/O1
1 : INT1
0 : Timer X
1 : Key-on wake up
0 : Timer 2
1 : Serial I/O2
0 : CNTR0
1 : AD converter
Notes 1: 32-pin version: Not used.
This is a write disabled bit. When this bit is read out, the value is “0”.
2: 36-pin and 32-pin version: Not used.
This is a write disabled bit. When this bit is read out, the value is “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com