Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 337Page - Renesas Technology Corp HD6433635SW Datasheet HTML 338Page - Renesas Technology Corp HD6433635SW Datasheet HTML 339Page - Renesas Technology Corp HD6433635SW Datasheet HTML 340Page - Renesas Technology Corp HD6433635SW Datasheet HTML 341Page - Renesas Technology Corp HD6433635SW Datasheet HTML 342Page - Renesas Technology Corp HD6433635SW Datasheet HTML 343Page - Renesas Technology Corp HD6433635SW Datasheet HTML 344Page - Renesas Technology Corp HD6433635SW Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 418 page
background image
327
A.3
Number of Execution States
The following describes the operation status in each instruction provided for the H8/300 L CPU,
as well as a calculation of the number of execution states. Table A.4 gives the number of cycles
(as the operation status) for such operations as an instruction fetch, data read/write performed
during an instruction execution. Table A.3 gives the number of execution states required for each
cycle (operation status). The total number of states required for the execution of an instruction can
be calculated by using the following equation:
Execution states = I
× S
I + J × S J + K × S K + L × S L + M × S M + N × S N
Examples: When instruction is fetched from on-chip ROM, and an on-chip RAM is accessed.
1. BSET #0, @FF00
From table A.4:
I = L = 2,
J = K = M = N= 0
From table A.3:
S
I = 2,
S
L = 2
Number of states required for execution = 2
× 2 + 2 × 2 = 8
When instruction is fetched from on-chip ROM, branch address is read from on-chip ROM,
and on-chip RAM is used for stack area.
2. JSR @@ 30
From table A.4:
I = 2,
J = K = 1,
L = M = N = 0
From table A.3:
S
I = SJ = SK = 2
Number of states required for execution = 2
× 2 + 1 × 2+ 1 × 2 = 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com