Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 73Page - Renesas Technology Corp HD6433635SW Datasheet HTML 74Page - Renesas Technology Corp HD6433635SW Datasheet HTML 75Page - Renesas Technology Corp HD6433635SW Datasheet HTML 76Page - Renesas Technology Corp HD6433635SW Datasheet HTML 77Page - Renesas Technology Corp HD6433635SW Datasheet HTML 78Page - Renesas Technology Corp HD6433635SW Datasheet HTML 79Page - Renesas Technology Corp HD6433635SW Datasheet HTML 80Page - Renesas Technology Corp HD6433635SW Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 418 page
background image
63
Interrupt Enable Register 1 (IENR1)
IENR1 is an 8-bit read/write register that enables or disables interrupt requests.
Bit
76543210
IENTA
IENS1
IENWP
IEN4
IEN3
IEN2
IEN1
IEN0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7—Timer A Interrupt Enable (IENTA): Bit 7 enables or disables timer A overflow interrupt
requests.
Bit 7: IENTA
Description
0
Disables timer A interrupts
(initial value)
1
Enables timer A interrupts
Bit 6—SCI1 Interrupt Enable (IENS1): Bit 6 enables or disables SCI1 transfer complete
interrupt requests.
Bit 6: IENS1
Description
0
Disables SCI1 interrupts
(initial value)
1
Enables SCI1 interrupts
Bit 5—Wakeup Interrupt Enable (IENWP): Bit 5 enables or disables WKP
7 to WKP0 interrupt
requests.
Bit 5: IENWP
Description
0
Disables interrupt requests from
WKP
7 to WKP 0
(initial value)
1
Enables interrupt requests from
WKP
7 to WKP 0
Bits 4 to 0: IRQ
4 to IRQ0 Interrupt Enable (IEN4 to IEN0): Bits 4 to 0 enable or disable IRQ4
to IRQ
0 interrupt requests.
Bits 4 to 0:
IEN4 to IEN0
Description
0
Disables interrupt requests from
IRQ
4 to IRQ0
(initial value)
1
Enables interrupt requests from
IRQ
4 to IRQ0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com