Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 52Page - Renesas Technology Corp HD6433635SW Datasheet HTML 53Page - Renesas Technology Corp HD6433635SW Datasheet HTML 54Page - Renesas Technology Corp HD6433635SW Datasheet HTML 55Page - Renesas Technology Corp HD6433635SW Datasheet HTML 56Page - Renesas Technology Corp HD6433635SW Datasheet HTML 57Page - Renesas Technology Corp HD6433635SW Datasheet HTML 58Page - Renesas Technology Corp HD6433635SW Datasheet HTML 59Page - Renesas Technology Corp HD6433635SW Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 418 page
background image
42
2.6
Basic Operational Timing
CPU operation is synchronized by a system clock (ø) or a subclock (ø
SUB). For details on these
clock signals see section 4, Clock Pulse Generators. The period from a rising edge of ø or ø
SUB to
the next rising edge is called one state. A bus cycle consists of two states or three states. The cycle
differs depending on whether access is to on-chip memory or to on-chip peripheral modules.
2.6.1
Access to On-Chip Memory (RAM, ROM)
Acess to on-chip memory takes place in two states. The data bus width is 16 bits, allowing access
in byte or word size. Figure 2.11 shows the on-chip memory access cycle.
T1 state
Bus cycle
T2 state
Internal address bus
Internal read signal
Internal data bus
(read access)
Internal write signal
Read data
Address
Write data
Internal data bus
(write access)
SUB
ø or ø
Figure 2.11 On-Chip Memory Access Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com