Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 79Page - Renesas Technology Corp HD6433635SW Datasheet HTML 80Page - Renesas Technology Corp HD6433635SW Datasheet HTML 81Page - Renesas Technology Corp HD6433635SW Datasheet HTML 82Page - Renesas Technology Corp HD6433635SW Datasheet HTML 83Page - Renesas Technology Corp HD6433635SW Datasheet HTML 84Page - Renesas Technology Corp HD6433635SW Datasheet HTML 85Page - Renesas Technology Corp HD6433635SW Datasheet HTML 86Page - Renesas Technology Corp HD6433635SW Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 418 page
background image
69
Bits 7 to 0—Wakeup Interrupt Request Flags (IWPF7 to IWPF0)
Bits 7 to 0:
IWPF7 to IWPF0
Description
0
[Clearing conditions]
(initial value)
When IWPFn = 1, it is cleared by writing 0 to IWPFn.
1
[Setting conditions]
IWPFn is set when pin
WKP
n is set to wakeup interrupt input, and a falling
edge input is detected at the pin.
(n = 7 to 0)
3.3.3
External Interrupts
There are 13 external interrupts, WKP
0 to WKP7 and IRQ0 to IRQ4.
Interrupts WKP
0 to WKP7: Interrupts WKP0 to WKP7 are requested by falling edge inputs at
pins
WKP
0 to WKP7. When these pins are designated as WKP0 to WKP7 pins in port mode register
5 (PMR5) and falling edge input is detected, the corresponding bit in the wakeup interrupt request
register (IWPR) is set to 1, requesting an interrupt. Wakeup interrupt requests can be disabled by
clearing the IENWP bit in IENR1 to 0. It is also possible to mask all interrupts by setting the CCR
I bit to 1.
When an interrupt exception handling request is received for interrupts WKP
0 to WKP7, the CCR I
bit is set to 1. The vector number for interrupts WKP
0 to WKP7 is 9. Since all eight interrupts are
assigned the same vector number, the interrupt source must be determined by the exception
handling routine.
Interrupts IRQ
0 to IRQ4: Interrupts IRQ0 to IRQ4 are requested by inputs into pins IRQ0 to IRQ4.
These interrupts are detected by either rising edge sensing or falling edge sensing, depending on
the settings of bits IEG0 to IEG4 in the edge select register (IEGR).
When these pins are designated as pins
IRQ
0 to IRQ4 in port mode registers 1 and 2 (PMR1 and
PMR2) and the designated edge is input, the corresponding bit in IRR1 is set to 1, requesting an
interrupt. Interrupts IRQ
0 to IRQ4 can be disabled by clearing bits IEN0 to IEN4 in IENR1 to 0.
All interrupts can be masked by setting the I bit in CCR to 1.
When IRQ
0 to IRQ4 interrupt exception handling is initiated, the I bit in CCR is set to 1. Vector
numbers 4 to 8 are assigned to interrupts IRQ
0 to IRQ4. The order of priority is from IRQ0 (high)
to IRQ
4 (low). Table 3.2 gives details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com