Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 75Page - Renesas Technology Corp HD6433635SW Datasheet HTML 76Page - Renesas Technology Corp HD6433635SW Datasheet HTML 77Page - Renesas Technology Corp HD6433635SW Datasheet HTML 78Page - Renesas Technology Corp HD6433635SW Datasheet HTML 79Page - Renesas Technology Corp HD6433635SW Datasheet HTML 80Page - Renesas Technology Corp HD6433635SW Datasheet HTML 81Page - Renesas Technology Corp HD6433635SW Datasheet HTML 82Page - Renesas Technology Corp HD6433635SW Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 418 page
background image
65
Bit 2—Timer FL Interrupt Enable (IENTFL): Bit 2 enables or disables timer FL compare
match and overflow interrupt requests.
Bit 2: IENTFL
Description
0
Disables timer FL interrupts
(initial value)
1
Enables timer FL interrupts
Bit 1—Timer Y Interrupt Enable (IENTY): Bit 1 enables or disables timer Y overflow
interrupt requests.
Bit 1: IENTY
Description
0
Disables timer Y interrupts
(initial value)
1
Enables timer Y interrupts
Bit 0—Reserved Bit: Bit 0 is reserved: it is always read as 1, and cannot be modified.
For details of SCI3 interrupt control, see Serial Control Register 3 (SCR3), in section 10.3.2.
Interrupt Request Register 1 (IRR1)
Bit
76543210
IRRTA
IRRS1
—
IRRI4
IRRI3
IRRI2
IRRI1
IRRI0
Initial value
00100000
Read/Write
R/W*
R/W*
—
R/W*
R/W*
R/W*
R/W*
R/W*
Note: * Only a write of 0 for flag clearing is possible.
IRR1 is an 8-bit read/write register, in which the corresponding bit is set to 1 when a timer A,
SCI1, or IRQ
4 to IRQ0 interrupt is requested. The flags are not cleared automatically when an
interrupt is accepted. It is necessary to write 0 to clear each flag.
Bit 7—Timer A Interrupt Request Flag (IRRTA)
Bit 7: IRRTA
Description
0
[Clearing conditions]
(initial value)
When IRRTA = 1, it is cleared by writing 0
1
[Setting conditions]
When the timer A counter value overflows (goes from H'FF to H'00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com