Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 70Page - Renesas Technology Corp HD6433635SW Datasheet HTML 71Page - Renesas Technology Corp HD6433635SW Datasheet HTML 72Page - Renesas Technology Corp HD6433635SW Datasheet HTML 73Page - Renesas Technology Corp HD6433635SW Datasheet HTML 74Page - Renesas Technology Corp HD6433635SW Datasheet HTML 75Page - Renesas Technology Corp HD6433635SW Datasheet HTML 76Page - Renesas Technology Corp HD6433635SW Datasheet HTML 77Page - Renesas Technology Corp HD6433635SW Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 418 page
background image
60
Table 3.2
Interrupt Sources and Priorities
Interrupt Source
Interrupt
Vector Number
Vector Address
Priority
RES
Reset
0
H'0000 to H'0001
High
IRQ
0
IRQ
0
4
H'0008 to H'0009
IRQ
1
IRQ
1
5
H'000A to H'000B
IRQ
2
IRQ
2
6
H'000C to H'000D
IRQ
3
IRQ
3
7
H'000E to H'000F
IRQ
4
IRQ
4
8
H'0010 to H'0011
WKP
0
WKP
0
9
H'0012 to H'0013
WKP
1
WKP
1
WKP
2
WKP
2
WKP
3
WKP
3
WKP
4
WKP
4
WKP
5
WKP
5
WKP
6
WKP
6
WKP
7
WKP
7
SCI1
SCI1 transfer complete
10
H'0014 to H'0015
Timer A
Timer A overflow
11
H'0016 to H'0017
Timer Y
Timer Y overflow
12
H'0018 to H'0019
Timer FL
Timer FL compare match
Timer FL overflow
14
H'001C to H'001D
Timer FH
Timer FH compare match
Timer FH overflow
15
H'001E to H'001F
Timer G
Timer G input capture
Timer G overflow
16
H'0020 to H'0021
SCI3
SCI3 receive data full
SCI3 transmit data empty
SCI3 transmit end
SCI3 overrun error
SCI3 framing error
SCI3 parity error
18
H'0024 to H'0025
A/D converter
A/D conversion end
19
H'0026 to H'0027
(SLEEP instruction
executed)
Direct transfer
20
H'0028 to H'0029
Low
Note:
Vector addresses H'0002 to H'0007, H'001A to H'001B, and H'0022 to H'0023 are reserved
and cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com