Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 18Page - Renesas Technology Corp HD6433635SW Datasheet HTML 19Page - Renesas Technology Corp HD6433635SW Datasheet HTML 20Page - Renesas Technology Corp HD6433635SW Datasheet HTML 21Page - Renesas Technology Corp HD6433635SW Datasheet HTML 22Page - Renesas Technology Corp HD6433635SW Datasheet HTML 23Page - Renesas Technology Corp HD6433635SW Datasheet HTML 24Page - Renesas Technology Corp HD6433635SW Datasheet HTML 25Page - Renesas Technology Corp HD6433635SW Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 418 page
background image
8
1.3.2
Pin Functions
Table 1.2 outlines the pin functions.
Table 1.2
Pin Functions
Pin No.
Type
Symbol
TFP-80F
TFP-80C
FP-80B
I/O
Name and Functions
Power
source pins
V
CC
7, 26
9, 28
Input
Power supply: All V
CC pins should be
connected to the system power supply
(+5 V)
V
SS
3, 25
5, 27
Input
Ground: All V
SS pins should be
connected to the system power supply
(0 V)
AV
CC
75
77
Input
Analog power supply: This is the power
supply pin for the A/D converter. When
the A/D converter is not used, connect
this pin to the system power supply
(+5 V).
AV
SS
80
2
Input
Analog ground: This is the A/D
converter ground pin. It should be
connected to the system power supply
(0 V).
VT
ref
74
76
Input
DTMF generator reference level: This
is a power supply pin for the reference
level for DTMF.
Clock pins
OSC
1
5
7
Input
System clock: These pins connect to a
crystal or ceramic oscillator, or can be
OSC
2
4
6
Output
used to input an external clock. See
section 4, Clock Pulse Generators, for a
typical connection diagram.
X
1
1
3
Input
Subclock: These pins connect to a
32.768-kHz crystal oscillator. See section
X
2
2
4
Output
4, Clock Pulse Generators, for a typical
connection diagram.
System
control
RES
8
10
Input
Reset: When this pin is driven low, the
chip is reset
TEST
6
8
Input
Test: This is a test pin, not for use in
applica-tion systems. It should be
connected to V
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com