Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 71Page - Renesas Technology Corp HD6433635SW Datasheet HTML 72Page - Renesas Technology Corp HD6433635SW Datasheet HTML 73Page - Renesas Technology Corp HD6433635SW Datasheet HTML 74Page - Renesas Technology Corp HD6433635SW Datasheet HTML 75Page - Renesas Technology Corp HD6433635SW Datasheet HTML 76Page - Renesas Technology Corp HD6433635SW Datasheet HTML 77Page - Renesas Technology Corp HD6433635SW Datasheet HTML 78Page - Renesas Technology Corp HD6433635SW Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 418 page
background image
61
3.3.2
Interrupt Control Registers
Table 3.3 lists the registers that control interrupts.
Table 3.3
Interrupt Control Registers
Name
Abbreviation
R/W
Initial Value
Address
Interrupt edge select register
IEGR
R/W
H'60
H'FFF2
Interrupt enable register 1
IENR1
R/W
H'00
H'FFF3
Interrupt enable register 2
IENR2
R/W
H'01
H'FFF4
Interrupt request register 1
IRR1
R/W*
H'20
H'FFF6
Interrupt request register 2
IRR2
R/W*
H'01
H'FFF7
Wakeup interrupt request register
IWPR
R/W*
H'00
H'FFF9
Note: * Write is enabled only for writing of 0 to clear a flag.
Interrupt Edge Select Register (IEGR)
Bit
76543210
—
—
—
IEG4
IEG3
IEG2
IEG1
IEG0
Initial value
01100000
Read/Write
—
—
—
R/W
R/W
R/W
R/W
R/W
IEGR is an 8-bit read/write register, used to designate whether pins
IRQ
0 to IRQ4 are set to rising
edge sensing or falling edge sensing.
Bit 7—Reserved Bit: Bit 7 is reserved: it is always read as 0, and should be used cleared to 0.
Bits 6 and 5—Reserved Bits: Bits 6 and 5 are reserved; they are always read as 1, and cannot be
modified.
Bit 4—IRQ
4 Edge Select (IEG4): Bit 4 selects the input sensing of pin IRQ4/ADTRG .
Bit 4: IEG4
Description
0
Falling edge of
IRQ
4/ ADTRG pin input is detected
(initial value)
1
Rising edge of
IRQ
4/ ADTRG pin input is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com