Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 55Page - Renesas Technology Corp HD6433635SW Datasheet HTML 56Page - Renesas Technology Corp HD6433635SW Datasheet HTML 57Page - Renesas Technology Corp HD6433635SW Datasheet HTML 58Page - Renesas Technology Corp HD6433635SW Datasheet HTML 59Page - Renesas Technology Corp HD6433635SW Datasheet HTML 60Page - Renesas Technology Corp HD6433635SW Datasheet HTML 61Page - Renesas Technology Corp HD6433635SW Datasheet HTML 62Page - Renesas Technology Corp HD6433635SW Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 418 page
background image
45
CPU state
Reset state
Program
execution state
Program halt state
Exception-
handling state
Active
(high speed) mode
Active
(medium speed) mode
Subactive mode
Sleep mode
Standby mode
Watch mode
Subsleep mode
Low-power
modes
The CPU executes successive program
instructions at high speed,
synchronized by the system clock
The CPU executes successive
program instructions at
reduced speed, synchronized
by the system clock
The CPU executes
successive program
instructions at reduced
speed, synchronized
by the subclock
A state in which some
or all of the chip
functions are stopped
to conserve power
A transient state in which the CPU changes
the processing flow due to a reset or
an interrupt exception handling source.
The CPU is initialized.
Note: See section 5, Power-Down Modes, for details on the modes and their transitions.
Figure 2.14 CPU Operation States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com