Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 60Page - Renesas Technology Corp HD6433635SW Datasheet HTML 61Page - Renesas Technology Corp HD6433635SW Datasheet HTML 62Page - Renesas Technology Corp HD6433635SW Datasheet HTML 63Page - Renesas Technology Corp HD6433635SW Datasheet HTML 64Page - Renesas Technology Corp HD6433635SW Datasheet HTML 65Page - Renesas Technology Corp HD6433635SW Datasheet HTML 66Page - Renesas Technology Corp HD6433635SW Datasheet HTML 67Page - Renesas Technology Corp HD6433635SW Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 418 page
background image
50
2.9.2
Notes on Bit Manipulation
The BSET, BCLR, BNOT, BST, and BIST instructions read one byte of data, modify the data,
then write the data byte again. Special care is required when using these instructions in cases
where two registers are assigned to the same address, in the case of registers that include write-
only bits, and when the instruction accesses an I/O.
Order of Operation
Operation
1
Read
Read byte data at the designated address
2
Modify
Modify a designated bit in the read data
3
Write
Write the altered byte data to the designated address
Bit Manipulation in Two Registers Assigned to the Same Address
Example 1: Bit manipulation to the timer load register and the timer counter
Figure 2.18 shows an example in which two timer registers share the same address. When a bit
manipulation instruction accesses the timer load register and timer counter of a reloadable timer,
since these two registers share the same address, the following operations take place.
Order of Operation
Operation
1
Read
Timer counter data is read (one byte)
2
Modify
The CPU modifies (sets or resets) the bit designated in the instruction
3
Write
The altered byte data is written to the timer load register
The timer counter is counting, so the value read is not necessarily the same as the value in the
timer load register. As a result, bits other than the intended bit in the timer load register may be
modified to the timer counter value.
R
W
R:
W:
Read
Write
Count clock
Timer counter
Timer load register
Reload
Internal bus
Figure 2.18 Timer Configuration Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com