Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 64Page - Renesas Technology Corp HD6433635SW Datasheet HTML 65Page - Renesas Technology Corp HD6433635SW Datasheet HTML 66Page - Renesas Technology Corp HD6433635SW Datasheet HTML 67Page - Renesas Technology Corp HD6433635SW Datasheet HTML 68Page - Renesas Technology Corp HD6433635SW Datasheet HTML 69Page - Renesas Technology Corp HD6433635SW Datasheet HTML 70Page - Renesas Technology Corp HD6433635SW Datasheet HTML 71Page - Renesas Technology Corp HD6433635SW Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 418 page
background image
54
To avoid this problem, store a copy of the PCR6 data in a work area in memory. Perform the bit
manipulation on the data in the work area, then write this data to PCR6.
[A: Prior to executing BCLR]
MOV. B
#3F
,
R0L
MOV. B
R0L,
@RAM0
MOV. B
R0L,
@PCR6
The PCR6 value (H'3F) is written to a work area in
memory (RAM0) as well as to PCR6.
P6
7
P6
6
P6
5
P6
4
P6
3
P6
2
P6
1
P6
0
Input/output
Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low
level
High
level
Low
level
Low
level
Low
level
Low
level
Low
level
Low
level
PCR6
00111111
PDR6
10000000
RAM0
00111111
[B: BCLR instruction executed]
BCLR
#0,
@RAM0
The BCLR instruction is executed designating the PCR6
work area (RAM0).
[C: After executing BCLR]
MOV. B
@RAM0, R0L
MOV. B
R0L,
@PCR6
The work area (RAM0) value is written to PCR6.
P6
7
P6
6
P6
5
P6
4
P6
3
P6
2
P6
1
P6
0
Input/output
Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low
level
High
level
Low
level
Low
level
Low
level
Low
level
Low
level
High
level
PCR6
0011111
0
PDR6
10000000
RAM0
0011111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com