Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 14Page - Renesas Technology Corp HD6433635SW Datasheet HTML 15Page - Renesas Technology Corp HD6433635SW Datasheet HTML 16Page - Renesas Technology Corp HD6433635SW Datasheet HTML 17Page - Renesas Technology Corp HD6433635SW Datasheet HTML 18Page - Renesas Technology Corp HD6433635SW Datasheet HTML 19Page - Renesas Technology Corp HD6433635SW Datasheet HTML 20Page - Renesas Technology Corp HD6433635SW Datasheet HTML 21Page - Renesas Technology Corp HD6433635SW Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 418 page
background image
4
Table 1.1
Features (cont)
Item
Description
A/D converter
8-bit successive-approximations A/D converter using a resistance ladder
• 4-channel analog input port
• Conversion time: 31/ø, 62/ø or 124/ø per channel
DTMF generator
Built-in tone dialer supporting OSC clock frequencies from 1.2 MHz to 10 MHz
in 400-kHz steps
14-bit PWM
Pulse-division PWM to reduce ripple
• Can be used as a 14-bit D/A converter by connecting a low-pass filter
externally
Product lineup
Product Code
Mask ROM
Version
ZTAT™
Version
Package
ROM/RAM Size
HD6433637SF
HD6473637SF
80-pin QFP
(FP-80B)
ROM: 60 kbytes
RAM: 2 kbytes
HD6433637SX
HD6473637SX
80-pin TQFP
(TFP-80F)
HD6433637SW
HD6473637SW
80-pin TQFP
(TFP-80C)
HD6433636SF
—
80-pin QFP
(FP-80B)
ROM: 48 kbytes
RAM: 2 kbytes
HD6433636SX
—
80-pin TQFP
(TFP-80F)
HD6433636SW
—
80-pin TQFP
(TFP-80C)
HD6433635SF
—
80-pin QFP
(FP-80B)
ROM: 40 kbytes
RAM: 2 kbytes
HD6433635SX
—
80-pin TQFP
(TFP-80F)
HD6433635SW
—
80-pin TQFP
(TFP-80C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com