Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 40Page - Renesas Technology Corp HD6433635SW Datasheet HTML 41Page - Renesas Technology Corp HD6433635SW Datasheet HTML 42Page - Renesas Technology Corp HD6433635SW Datasheet HTML 43Page - Renesas Technology Corp HD6433635SW Datasheet HTML 44Page - Renesas Technology Corp HD6433635SW Datasheet HTML 45Page - Renesas Technology Corp HD6433635SW Datasheet HTML 46Page - Renesas Technology Corp HD6433635SW Datasheet HTML 47Page - Renesas Technology Corp HD6433635SW Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 418 page
background image
30
2.5.2
Arithmetic Operations
Table 2.5 describes the arithmetic instructions.
Table 2.5
Arithmetic Instructions
Instruction
Size*
Function
ADD
SUB
B/W
Rd
± Rs → Rd, Rd + #IMM → Rd
Performs addition or subtraction on data in two general registers, or
addition on immediate data and data in a general register. Immediate
data cannot be subtracted from data in a general register. Word data
can be added or subtracted only when both words are in general
registers.
ADDX
SUBX
B
Rd
± Rs ± C → Rd, Rd ± #IMM ± C → Rd
Performs addition or subtraction with carry or borrow on byte data in
two general registers, or addition or subtraction on immediate data
and data in a general register.
INC
DEC
B
Rd
± 1 → Rd
Increments or decrements a general register
ADDS
SUBS
W
Rd
± 1 → Rd, Rd ± 2 → Rd
Adds or subtracts immediate data to or from data in a general
register. The immediate data must be 1 or 2.
DAA
DAS
B
Rd decimal adjust
→ Rd
Decimal-adjusts (adjusts to packed 4-bit BCD) an addition or
subtraction result in a general register by referring to the CCR
MULXU
B
Rd
× Rs → Rd
Performs 8-bit
× 8-bit unsigned multiplication on data in two general
registers, providing a 16-bit result
DIVXU
B
Rd
÷ Rs → Rd
Performs 16-bit
÷ 8-bit unsigned division on data in two general
registers, providing an 8-bit quotient and 8-bit remainder
CMP
B/W
Rd – Rs, Rd – #IMM
Compares data in a general register with data in another general
register or with immediate data, and the result is stored in the CCR.
Word data can be compared only between two general registers.
NEG
B
0 – Rd
→ Rd
Obtains the two’s complement (arithmetic complement) of data in a
general register
Note: * Size: Operand size
B: Byte
W: Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com