Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 21Page - Renesas Technology Corp HD6433635SW Datasheet HTML 22Page - Renesas Technology Corp HD6433635SW Datasheet HTML 23Page - Renesas Technology Corp HD6433635SW Datasheet HTML 24Page - Renesas Technology Corp HD6433635SW Datasheet HTML 25Page - Renesas Technology Corp HD6433635SW Datasheet HTML 26Page - Renesas Technology Corp HD6433635SW Datasheet HTML 27Page - Renesas Technology Corp HD6433635SW Datasheet HTML 28Page - Renesas Technology Corp HD6433635SW Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 418 page
background image
11
Table 1.2
Pin Functions (cont)
Pin No.
Type
Symbol
TFP-80F
TFP-80C
FP-80B
I/O
Name and Functions
Serial com-
munication
SI
1
11
13
Input
SCI1 receive data input: This is the
SCI1 data input pin
interface
(SCI)
SO
1
12
14
Output
SCI1 send data output: This is the SCI1
data output pin
SCK
1
10
12
I/O
SCI1 clock I/O :This is the SCI1 clock
I/O pin
RXD
14
16
Input
SCI3 receive data input: This is the
SCI3 data input pin
TXD
15
17
Output
SCI3 send data output: This is the SCI3
data output pin
SCK
3
13
15
I/O
SCI3 clock I/O: This is the SCI3 clock
I/O pin
A/D
converter
AN
7 to
AN
4
76 to 79
78 to 80,
1
Input
Analog input channels 4 to 7: These
are analog data input channels to the
A/D converter
ADTRG
9
11
Input
A/D converter trigger input: This is the
external trigger input pin to the A/D
converter
DTMF
generator
TONED
73
75
Output
DTMF signal: This is the output pin for
the DTMF signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com