Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 344Page - Renesas Technology Corp HD6433635SW Datasheet HTML 345Page - Renesas Technology Corp HD6433635SW Datasheet HTML 346Page - Renesas Technology Corp HD6433635SW Datasheet HTML 347Page - Renesas Technology Corp HD6433635SW Datasheet HTML 348Page - Renesas Technology Corp HD6433635SW Datasheet HTML 349Page - Renesas Technology Corp HD6433635SW Datasheet HTML 350Page - Renesas Technology Corp HD6433635SW Datasheet HTML 351Page - Renesas Technology Corp HD6433635SW Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 418 page
background image
334
Appendix B On-Chip Registers
B.1
I/O Registers (1)
Address Register
Bit Names
Module
(Low)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
H'90
H'91
H'92
H'93
H'94
H'95
H'96
H'97
H'98
PMR1
IRQ3
IRQ2
IRQ1
PWM
TMIG
TMOFH
TMOFL
TMOW
I/O ports
H'99
PMR2
IRQ0
—
POF1
NCS
SO1
SI1
SCK1
IRQ4
H'9A
PMR6
—————TXD
——
H'9B
PMR5
WKP
7
WKP
6
WKP
5
WKP
4
WKP
3
WKP
2
WKP
1
WKP
0
H'9C
PUCR1
PUCR1
7
PUCR1
6
PUCR1
5
PUCR1
4
PUCR1
3
PUCR1
2
PUCR1
1
PUCR1
0
H'9D
PUCR2
PUCR2
7
PUCR2
6
PUCR2
5
PUCR2
4
PUCR2
3
PUCR2
2
PUCR2
1
PUCR2
0
H'9E
PUCR5
PUCR5
7
PUCR5
6
PUCR5
5
PUCR5
4
PUCR5
3
PUCR5
2
PUCR5
1
PUCR5
0
H'9F
PUCR6
PUCR6
7
PUCR6
6
PUCR6
5
PUCR6
4
PUCR6
3
PUCR6
2
PUCR6
1
PUCR6
0
H'A0
SCR1
SNC1
SNC0
—
—
CKS3
CKS2
CKS1
CKS0
SCI1
H'A1
SCSR1
—
SOL
ORER
————STF
H'A2
SDRU
SDRU7
SDRU6
SDRU5
SDRU4
SDRU3
SDRU2
SDRU1
SDRU0
H'A3
SDRL
SDRL7
SDRL6
SDRL5
SDRL4
SDRL3
SDRL2
SDRL1
SDRL0
H'A4
PWCR
———————
PWCR0
14-bit
H'A5
PWDRU —
—
PWDRU5 PWDRU4 PWDRU3 PWDRU2 PWDRU1 PWDRU0
PWM
H'A6
PWDRL
PWDRL7 PWDRL6 PWDRL5 PWDRL4 PWDRL3 PWDRL2 PWDRL1 PWDRL0
H'A7
H'A8
SMR
COM
CHR
PE
PM
STOP
MP
CKS1
CKS0
SCI3
H'A9
BRR
BRR7
BRR6
BRR5
BRR4
BRR3
BRR2
BRR1
BRR0
H'AA
SCR3
TIE
RIE
TE
RE
MPIE
TEIE
CKE1
CKE0
Legend:
SCI1: Serial communication interface 1
SCI3: Serial communication interface 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com